データシートサーチシステム |
|
SN74AHC32 データシート(PDF) 4 Page - Texas Instruments |
|
|
SN74AHC32 データシート(HTML) 4 Page - Texas Instruments |
4 / 32 page SN54AHC32, SN74AHC32 QUADRUPLE 2-INPUT POSITIVE-OR GATES SCLS247H – OCTOBER 1995 – REVISED JULY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC32 SN74AHC32 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y CL =15 pF 5.5* 7.9* 1* 9.5* 1 9.5 ns tPHL A or B Y CL = 15 pF 5.5* 7.9* 1* 9.5* 1 9.5 ns tPLH AorB Y CL =50 pF 8 11.4 1 13 1 13 ns tPHL A or B Y CL = 50 pF 8 11.4 1 13 1 13 ns ∗ On products compliant to MIL-PRF-38535, this parameter is not production tested. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC32 SN74AHC32 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH AorB Y CL =15 pF 3.8* 5.5* 1* 6.5* 1 6.5 ns tPHL A or B Y CL = 15 pF 3.8* 5.5* 1* 6.5* 1 6.5 ns tPLH AorB Y CL =50 pF 5.3 7.5 1 8.5 1 8.5 ns tPHL A or B Y CL = 50 pF 5.3 7.5 1 8.5 1 8.5 ns ∗ On products compliant to MIL-PRF-38535, this parameter is not production tested. noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5) PARAMETER SN74AHC32 UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.3 0.8 V VOL(V) Quiet output, minimum dynamic VOL –0.3 –0.8 V VOH(V) Quiet output, minimum dynamic VOH 4.7 V VIH(D) High-level dynamic input voltage 3.5 V VIL(D) Low-level dynamic input voltage 1.5 V NOTE 5: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 14 pF |
同様の部品番号 - SN74AHC32 |
|
同様の説明 - SN74AHC32 |