データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP17DWR2 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC100EP17DWR2
部品情報  3.3V / 5V ECL Quad Differential Driver/Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP17DWR2 データシート(HTML) 5 Page - ON Semiconductor

  MC100EP17DWR2 Datasheet HTML 1Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 2Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 3Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 4Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 5Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 6Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 7Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 8Page - ON Semiconductor MC100EP17DWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC10EP17, MC100EP17
http://onsemi.com
5
Table 7. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
47
55
63
50
58
66
54
62
70
mA
VOH
Output HIGH Voltage (Note 12)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 12)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
VBB
Output Voltage Reference
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 13)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
12.All loading with 50 W to VCC − 2.0 V.
13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 14)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
47
55
63
50
58
66
54
62
70
mA
VOH
Output HIGH Voltage (Note 15)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 15)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
VBB
Output Voltage Reference
3475
3575
3675
3475
3575
3675
3475
3575
3675
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 16)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
15.All loading with 50 W to VCC − 2.0 V.
16.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


同様の部品番号 - MC100EP17DWR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP17DWR2 ONSEMI-MC100EP17DWR2 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC100EP17DWR2G ONSEMI-MC100EP17DWR2G Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
More results

同様の説明 - MC100EP17DWR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com