データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP116MNG データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100EP116MNG
部品情報  3.3 V / 5 V Hex Differential Line Receiver/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP116MNG データシート(HTML) 2 Page - ON Semiconductor

  MC100EP116MNG Datasheet HTML 1Page - ON Semiconductor MC100EP116MNG Datasheet HTML 2Page - ON Semiconductor MC100EP116MNG Datasheet HTML 3Page - ON Semiconductor MC100EP116MNG Datasheet HTML 4Page - ON Semiconductor MC100EP116MNG Datasheet HTML 5Page - ON Semiconductor MC100EP116MNG Datasheet HTML 6Page - ON Semiconductor MC100EP116MNG Datasheet HTML 7Page - ON Semiconductor MC100EP116MNG Datasheet HTML 8Page - ON Semiconductor MC100EP116MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP116, MC100EP116
http://onsemi.com
2
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2345
678
24
23
22
21
20
19
18
17
16
MC10EP116
MC100EP116
Q2
Q2
VCC
VCC
Q3
Q3
VCC
D1
D1
D2
D2
VEE
D3
D3
D4
VEE
Q1
Q1
Q0
Q0
VBB
D0
VCC
Q4
Q4
Q5
Q5
D5
D4 D5
Figure 1. 32−Lead LQFP Pinout (Top View)
D0
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
PIN
D[0:5]*, D[0:5]*
Q[0:5], Q[0:5]
ECL Differential Data Outputs
FUNCTION
ECL Differential Data Inputs
VBB
VCC
Positive Supply
Reference Voltage Output
VEE
Negative Supply
Figure 2. 32−Lead QFN Pinout (Top View)
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
D0
D0
D1
D1
D2
D2
D3
D3
D4
D4
D5
D5
* Pins will default LOW when left open.
VBB
VEE
Figure 3. Logic Diagram
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
1
2345
6
7
8
24
23
22
21
20
19
18
17
Exposed Pad (EP)
VCC
Q2
Q2
VCC
VCC
Q3
Q3
VCC
D1
D1
D2
D2
VEE
D3
D3
D4
VEE
Q1
Q1
Q0
Q0
VBB
D0
VCC
Q4
Q4
Q5
Q5
D5
D4 D5
D0


同様の部品番号 - MC100EP116MNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP11 ONSEMI-MC100EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC100EP11 ONSEMI-MC100EP11 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC100EP11D ONSEMI-MC100EP11D Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC100EP11D ONSEMI-MC100EP11D Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC100EP11D ONSEMI-MC100EP11D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

同様の説明 - MC100EP116MNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
logo
NEC
UPD4723 NEC-UPD4723 Datasheet
125Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4722 NEC-UPD4722 Datasheet
132Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Texas Instruments
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
NEC
UPD4724 NEC-UPD4724 Datasheet
140Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Texas Instruments
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
NEC
UPD4721 NEC-UPD4721 Datasheet
123Kb / 16P
   RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com