データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP139DTG データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC100EP139DTG
部品情報  3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP139DTG データシート(HTML) 8 Page - ON Semiconductor

Back Button MC100EP139DTG Datasheet HTML 4Page - ON Semiconductor MC100EP139DTG Datasheet HTML 5Page - ON Semiconductor MC100EP139DTG Datasheet HTML 6Page - ON Semiconductor MC100EP139DTG Datasheet HTML 7Page - ON Semiconductor MC100EP139DTG Datasheet HTML 8Page - ON Semiconductor MC100EP139DTG Datasheet HTML 9Page - ON Semiconductor MC100EP139DTG Datasheet HTML 10Page - ON Semiconductor MC100EP139DTG Datasheet HTML 11Page - ON Semiconductor MC100EP139DTG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC10EP139, MC100EP139
http://onsemi.com
8
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 5 Fmax/JITTER)
> 1
> 1
> 1
GHz
tPLH,
tPHL
Propagation Delay
CLK, Q (Diff)
MR, Q
550
700
700
800
800
900
600
700
750
850
900
1000
675
800
825
950
975
1100
ps
tRR
Reset Recovery
200
100
200
100
200
100
ps
ts
Setup Time
EN, CLK
DIVSEL, CLK
200
400
120
180
200
400
120
180
200
400
120
180
ps
th
Hold Time
CLK, EN
CLK, DIVSEL
100
200
50
140
100
200
50
140
100
200
50
140
ps
tPW
Minimum Pulse Width
MR
550
450
550
450
550
450
ps
tSKEW
Within Device Skew
Q, Q
Device−to−Device Skew (Note 21)
50
200
100
300
50
200
100
300
50
200
100
300
ps
tJITTER
Random Clock Jitter (RMS)
(See Figure 5 Fmax/JITTER)
0.2
< 1.0
0.2
< 1.0
0.2
< 1.5
ps
VPP
Input Voltage Swing (Differential Con-
figuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
110
180
250
125
190
275
150
215
300
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
20.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
21.Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays
are measured from the cross point of the inputs to the cross point of the outputs.


同様の部品番号 - MC100EP139DTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP139DTG ONSEMI-MC100EP139DTG Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
More results

同様の説明 - MC100EP139DTG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10EL38 MICREL-SY10EL38 Datasheet
73Kb / 6P
   5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com