データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H210FN データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10H210FN
部品情報  Dual 3?묲nput 3?뭀utput OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H210FN データシート(HTML) 1 Page - ON Semiconductor

  MC10H210FN Datasheet HTML 1Page - ON Semiconductor MC10H210FN Datasheet HTML 2Page - ON Semiconductor MC10H210FN Datasheet HTML 3Page - ON Semiconductor MC10H210FN Datasheet HTML 4Page - ON Semiconductor MC10H210FN Datasheet HTML 5Page - ON Semiconductor MC10H210FN Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MC10H210/D
MC10H210
Dual 3−Input 3−Output OR
Gate
Description
The MC10H210 is designed to drive up to six transmission lines
simultaneously. The multiple outputs of this device also allow the wire
ORing of several levels of gating for minimization of gate and package
count.
The ability to control three parallel lines with minimum propagation
delay from a single point makes the MC10H210 particularly useful in
clock distribution applications where minimum clock skew is desired.
Features
Propagation Delay Average, 1.0 ns Typical
Power Dissipation, 160 mW Typical
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K™ Compatible
Pb−Free Packages are Available*
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
VCC1
AOUT
AOUT
AOUT
AIN
AIN
AIN
VEE
VCC2
VCC1
BOUT
BOUT
BOUT
BIN
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
12
11
10
9
13
14
2
7
6
5
3
4
VCC1 = PINS 1, 15
VCC2 = PIN 16
VEE = PIN 8
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H210P
AWLYYWWG
1
16
MC10H210L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H210
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H210G
AWLYYWW
120


同様の部品番号 - MC10H210FN

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H210 ONSEMI-MC10H210 Datasheet
93Kb / 3P
   Dual 3-Input 3-Output OR Gate
1996 REV 5
More results

同様の説明 - MC10H210FN

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211_06 Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
MC10111 ONSEMI-MC10111 Datasheet
162Kb / 5P
   Dual 3?묲nput/3?뭀uput NOR Gate
June, 2006 ??Rev. 8
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74AC11D ONSEMI-MC74AC11D Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74AC11DTR2 ONSEMI-MC74AC11DTR2 Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
logo
Motorola, Inc
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10110 ONSEMI-MC10110 Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com