データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H601FNG データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10H601FNG
部品情報  9?묪it ECL to TTL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H601FNG データシート(HTML) 3 Page - ON Semiconductor

  MC10H601FNG Datasheet HTML 1Page - ON Semiconductor MC10H601FNG Datasheet HTML 2Page - ON Semiconductor MC10H601FNG Datasheet HTML 3Page - ON Semiconductor MC10H601FNG Datasheet HTML 4Page - ON Semiconductor MC10H601FNG Datasheet HTML 5Page - ON Semiconductor MC10H601FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H601, MC100H601
http://onsemi.com
3
Table 3. 10H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5%
Symbol
Parameter
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
IEE
Power Supply Current
−51
−51
−51
mA
IINH
IINL
Input HIGH Current
Input LOW Current
0.5
255
0.5
175
0.5
175
mA
mA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1170
−1950
−840
−1480
−1130
−1950
−810
−1480
−1060
−1950
−720
−1445
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 4. 100H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −4.2 V to −5.5 V
Symbol
Parameter
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
IEE
Power Supply Current
−51
−51
−53
mA
IINH
IINL
Input HIGH Current
Input LOW Current
0.5
255
0.5
175
0.5
175
mA
mA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1165
−1810
−880
−1475
−1165
−1810
−880
−1475
−1165
−1810
−880
−1475
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. TTL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5% (10H version);
VEE = −4.2 V to −5.5 V (100H version)
Symbol
Parameter
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
ICCH
Power Supply Current
110
110
110
mA
ICCL
110
110
110
ICCZ
Power Supply Current
105
105
105
IIH
Input HIGH Current
VIN = 2.7 V
VIN = 7.0 V
20
100
20
100
20
100
mA
IIL
Input LOW Current
VIN = 0.5 V
−0.6
−0.6
−0.6
mA
IOS
Output Short Circuit Current
VOUT = 0 V
−100
−225
−100
−225
−100
−225
mA
IOZH
IOZL
Output Disable Current HIGH
Output Disable Current LOW
VOUT = 2.7 V
VOUT = 0.5 V
−50
50
−50
50
−50
50
mA
VIHT
VILT
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
VOHT
Output HIGH Voltage
IOH = −3.0 mA
IOH = −15 mA
2.5
2.0
2.5
2.0
2.5
2.0
V
VOLT
Output LOW Voltage
IOL = 48 mA
0.55
0.55
0.55
V
VIK
Input Clamp Voltage
IIN = −18 mA
−1.2
−1.2
−1.2
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


同様の部品番号 - MC10H601FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H600FN ONSEMI-MC10H600FN Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H600FN ONSEMI-MC10H600FN Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H600FNG ONSEMI-MC10H600FNG Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
More results

同様の説明 - MC10H601FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com