データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H123 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10H123
部品情報  Triple 4?????묲nput Bus Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H123 データシート(HTML) 1 Page - ON Semiconductor

  MC10H123 Datasheet HTML 1Page - ON Semiconductor MC10H123 Datasheet HTML 2Page - ON Semiconductor MC10H123 Datasheet HTML 3Page - ON Semiconductor MC10H123 Datasheet HTML 4Page - ON Semiconductor MC10H123 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MC10H123/D
MC10H123
Triple 4−3−3−Input Bus
Driver
Description
The MC10H123 is a triple 4−3−3−Input Bus Driver.
The MC10H123 consists of three NOR gates designed for bus
driving applications on card or between cards. Output low logic levels
are specified with VOL = −2.1 Vdc so that the bus may be terminated to
−2.0 Vdc. The gate output, when low, appears as a high impedance to
the bus, because the output emitter−followers of the MC10H123 are
“turned−off.” This eliminates discontinuities in the characteristic
impedance of the bus.
The VOH level is specified when driving a 25 W load terminated to
−2.0 Vdc, the equivalent of a 50
W bus terminated at both ends.
Although 25
W is the lowest characteristic impedance that can be
driven by the MC10H123, higher impedance values may be used with
this part. A typical 50
W bus is shown in Figure 3.
Features
Propagation Delay, 1.5 ns Typical
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K™ Compatible
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
16
1
16
1
MC10H123P
AWLYYWWG
1
16
MC10H123L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
PLLC−20
FN SUFFIX
CASE 775
20 1
10H123G
AWLYYWW
120


同様の部品番号 - MC10H123

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H123 ONSEMI-MC10H123 Datasheet
100Kb / 4P
   Triple 4-3-3-Input Bus Driver
REV 5
MC10H123FNG ONSEMI-MC10H123FNG Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
MC10H123FNR2G ONSEMI-MC10H123FNR2G Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
MC10H123PG ONSEMI-MC10H123PG Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
MC10H123 ONSEMI-MC10H123_16 Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
More results

同様の説明 - MC10H123

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H106 ONSEMI-MC10H106_06 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H123 ONSEMI-MC10H123_16 Datasheet
146Kb / 5P
   Triple 4?????륤nput Bus Driver
August, 2016 ??Rev. 8
MC10123 ONSEMI-MC10123 Datasheet
102Kb / 4P
   Triple 4-3-3-Input Bus Driver
1996 REV 5
MC10123 ONSEMI-MC10123_02 Datasheet
88Kb / 4P
   Triple 4-3-3-Input Bus Driver
January, 2002 ??Rev. 7
MC10H123 ONSEMI-MC10H123 Datasheet
100Kb / 4P
   Triple 4-3-3-Input Bus Driver
REV 5
logo
NXP Semiconductors
10123 PHILIPS-10123 Datasheet
231Kb / 6P
   Triple 4-3-3-Input Bus Driver
June 14 1990
logo
ON Semiconductor
MC74AC11DTR2 ONSEMI-MC74AC11DTR2 Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC74AC11D ONSEMI-MC74AC11D Datasheet
131Kb / 9P
   Triple 3?묲nput AND Gate
October, 2006 ??Rev. 7
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com