データシートサーチシステム |
|
MC10H602FN データシート(PDF) 4 Page - ON Semiconductor |
|
MC10H602FN データシート(HTML) 4 Page - ON Semiconductor |
4 / 6 page MC10H602, MC100H602 http://onsemi.com 4 Table 7. AC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5% (10H version); VEE = −4.2 V to −5.5 V (100H version) Symbol Parameter 0°C 25°C 75°C Unit Min Max Min Max Min Max tPLH tPHL Propagation Delay to Output D LEN MR ENECL 1.4 2.0 2.0 1.6 3.0 3.4 3.4 3.2 1.5 2.1 2.1 1.7 3.2 3.5 3.5 3.3 1.7 2.4 2.5 1.8 3.5 3.7 3.9 3.7 ns ts Set−Up Time, D to LEN 2.0 2.0 2.0 ns th Hold Time, D to LEN 1.0 1.0 1.0 ns tw(L) LEN Pulse Width, LOW 2.0 2.0 2.0 ns tR tF Output Rise/Fall Time 20% −80% 0.5 1.5 0.5 1.5 0.5 1.5 ns NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. ORDERING INFORMATION Device Package Shipping† MC10H602FN PLCC−28 37 Units / Rail MC10H602FNG PLCC−28 (Pb−Free) 37 Units / Rail MC10H602FNR2 PLCC−28 500 / Tape & Reel MC10H602FNR2G PLCC−28 (Pb−Free) 500 / Tape & Reel MC100H602FN PLCC−28 37 Units / Rail MC100H602FNG PLCC−28 (Pb−Free) 37 Units / Rail MC100H602FNR2 PLCC−28 500 / Tape & Reel MC100H602FNR2G PLCC−28 (Pb−Free) 500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Resource Reference of Application Notes AN1405/D − ECL Clock Distribution Techniques AN1406/D − Designing with PECL (ECL at +5.0 V) AN1503/D − ECLinPSt I/O SPiCE Modeling Kit AN1504/D − Metastability and the ECLinPS Family AN1568/D − Interfacing Between LVDS and ECL AN1672/D − The ECL Translator Guide AND8001/D − Odd Number Counters Design AND8002/D − Marking and Date Codes AND8020/D − Termination of ECL Logic Devices AND8066/D − Interfacing with ECLinPS AND8090/D − AC Characteristics of ECL Devices |
同様の部品番号 - MC10H602FN |
|
同様の説明 - MC10H602FN |