データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H602FNR2G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100H602FNR2G
部品情報  9?묪it Latch TTL to ECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H602FNR2G データシート(HTML) 2 Page - ON Semiconductor

  MC100H602FNR2G Datasheet HTML 1Page - ON Semiconductor MC100H602FNR2G Datasheet HTML 2Page - ON Semiconductor MC100H602FNR2G Datasheet HTML 3Page - ON Semiconductor MC100H602FNR2G Datasheet HTML 4Page - ON Semiconductor MC100H602FNR2G Datasheet HTML 5Page - ON Semiconductor MC100H602FNR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H602, MC100H602
http://onsemi.com
2
Figure 1. PLCC−28 Pinout (Top View)
Table 1. PIN NAMES
PIN
FUNCTION
GND
VCCE
VCCO
VCCT
VEE
D0−D8
Q0 −Q8
ENECL
LEN
MR
TTL Ground (0 V)
ECL VCC (0 V)
ECL VCC (0 V) — Outputs
TTL Supply (+5.0 V)
ECL Supply (− 5.2 / −4.5 V)
Data Inputs (TTL)
Data Outputs (ECL)
Enable Control (ECL)
Latch Enable (ECL)
Master Reset (ECL)
D6
56
78
9
10
11
25
24
23
22
21
20
19
D7
D8
GND
MR
LEN
ENECL
VCCE
Q0
Q1
VCCO
Q2
VCCO
Q3
26
27
28
2
3
4
18
17
16
14
13
12
15
D5 D4 VCCT D3 D2 D1 D0
Q8 Q7 VCCO Q6 VEE Q5 Q4
Figure 2. LOGIC SYMBOL
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
DQ
EN
ENECL
D0
D1
D2
D3
D4
D5
D6
D7
D8
LEN
MR
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
TTL
ECL
D
L
H
X
X
X
Table 2. TRUTH TABLE
LEN
L
L
H
X
X
MR
L
L
L
H
X
Q
L
H
Q0
L
L
ENECL
H
H
H
H
L
Table 3. DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5% (10H version); VEE = −4.2 V to −5.5 V (100H version)
Symbol
Parameter
0°C
25°C
75°C
Unit
Min
Max
Min
Max
Min
Max
Power Supply Current
IEE
ECL
10H
100H
−125
−122
−125
−123
−125
−132
mA
ICCH
ICCL
TTL
48
50
48
50
48
50
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


同様の部品番号 - MC100H602FNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H602 ONSEMI-MC100H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
More results

同様の説明 - MC100H602FNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
logo
National Semiconductor ...
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
   100k ECL to TTL Level Translator with Latch
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
DP8483 NSC-DP8483 Datasheet
118Kb / 6P
   TTL to 100k ECL Level Translator with Latch
logo
Texas Instruments
DP8481-N TI1-DP8481-N Datasheet
360Kb / 8P
[Old version datasheet]   DP8481 TTL to 10k ECL Level Translator with Latch
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com