データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H680 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC100H680
部品情報  4?묪it Differential ECL Bus to TTL Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H680 データシート(HTML) 5 Page - ON Semiconductor

  MC100H680 Datasheet HTML 1Page - ON Semiconductor MC100H680 Datasheet HTML 2Page - ON Semiconductor MC100H680 Datasheet HTML 3Page - ON Semiconductor MC100H680 Datasheet HTML 4Page - ON Semiconductor MC100H680 Datasheet HTML 5Page - ON Semiconductor MC100H680 Datasheet HTML 6Page - ON Semiconductor MC100H680 Datasheet HTML 7Page - ON Semiconductor MC100H680 Datasheet HTML 8Page - ON Semiconductor MC100H680 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC10H680, MC100H680
http://onsemi.com
5
Table 9. ECL TO TTL DIRECTION / AC TEST
Symbol
TA = 0°C
TA = 25°C
TA = 75°C
Parameter
Waveforms
Condition
Min
Max
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
to Output
2, 4
CL = 50 pF
2.7
4.8
2.7
4.8
2.7
4.8
ns
tPZH
tPZL
ECEB to Output
Enable Time
2, 5, 6
CL = 50 pF
3.5
3.5
6.5
6.0
3.5
3.5
6.5
6.0
3.7
3.7
6.7
6.4
ns
tPHZ
tPLZ
ECEB to Output
Disable Time
2, 5, 6
CL = 50 pF
3.5
3.5
8.6
6.5
3.5
3.5
8.6
6.5
3.7
3.7
8.8
7.3
ns
tPZH
tPZL
TCEB to Output
Enable Time
2, 5, 6
CL = 50 pF
5.7
5.4
7.7
6.9
5.7
5.4
7.7
6.9
5.9
5.9
7.9
7.4
ns
tPHZ
tPLZ
TCEB to Output
Disable Time
2, 5, 6
CL = 50 pF
4.0
4.0
8.5
5.8
4.1
4.2
8.4
6.0
4.2
4.7
8.3
6.5
ns
tr/tf
1.0 to 2.0 Vdc
3
CL = 50 pF
0.4
1.5
0.4
1.5
0.4
1.5
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 10. TTL TO ECL DIRECTION / AC TEST
Symbol
Waveforms
TA = 0°C
TA = 25°C
TA = 75°C
Parameter
Condition
Min
Max
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
to Output
1, 4
25 W to −2.0 V
1.8
4.6
1.8
4.6
2.0
4.9
ns
tPLH
tPHL
ECEB
to Output
1, 4
25 W to −2.0 V
2.9
5.1
3.0
5.2
3.4
5.7
ns
tPLH
tPHL
TCEB
to Output
1, 4
25 W to −2.0 V
3.4
6.3
3.5
6.6
3.8
7.4
ns
tr/tf
Output Rise/Fall
Time 20%−80%
1, 3
25 W to −2.0 V
1.0
3.4
1.0
3.4
1.0
3.4
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


同様の部品番号 - MC100H680

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H680 ONSEMI-MC100H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680FN ONSEMI-MC100H680FN Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680FNR2 ONSEMI-MC100H680FNR2 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
More results

同様の説明 - MC100H680

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 2
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com