データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10SX1130DR2 データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC10SX1130DR2
部品情報  LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130DR2 データシート(HTML) 8 Page - ON Semiconductor

  MC10SX1130DR2 Datasheet HTML 1Page - ON Semiconductor MC10SX1130DR2 Datasheet HTML 2Page - ON Semiconductor MC10SX1130DR2 Datasheet HTML 3Page - ON Semiconductor MC10SX1130DR2 Datasheet HTML 4Page - ON Semiconductor MC10SX1130DR2 Datasheet HTML 5Page - ON Semiconductor MC10SX1130DR2 Datasheet HTML 6Page - ON Semiconductor MC10SX1130DR2 Datasheet HTML 7Page - ON Semiconductor MC10SX1130DR2 Datasheet HTML 8Page - ON Semiconductor MC10SX1130DR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC10SX1130
http://onsemi.com
8
Now to calculate the dissipated power on the chip for a
nominal application.
VCC
= 5 V
VF
= 1.5 V
VSET
= 0.7 V
IMOD
= 60 mA
ICC
= 18 mA
so:
Pd = 5 * 18 + (5 - 1.5 - 0.7) * 60
Pd = 258 mW
This number can be entered into Equation 3 along with the
environmental information to calculate the nominal
operating junction temperature.
Because of the open loop feedback control in the bias
control circuitry, the revised IMOD value must be determined
given the tracking rate chosen so that the power dissipation
can be re-calculated. For assessing product reliability, worst
case values should be entered to calculate the maximum
junction temperature.
Reliability of Plastic Packages
Although today’s plastic packages are as reliable as
ceramic packages under most environmental conditions, as
the junction temperature increases a failure mode unique to
plastic packages becomes a significant factor in the long
term reliability of the device.
Modern plastic package assembly utilizes gold wire
bonded to aluminum bonding pads throughout the
electronics industry. As the temperature of the silicon
(junction
temperature)
increases,
an
intermetallic
compound forms between the gold and aluminum interface.
This intermetallic formation results in a significant increase
in the impedance of the wire bond and can lead to
performance failure of the affected pin. With this
relationship between intermetallic formation and junction
temperature established, it is incumbent on the designer to
ensure that the junction temperature for which a device will
operate is consistent with the long term reliability goals of
the system.
Reliability studies were performed at elevated ambient
temperatures (125
°C) from which an Arrhenius Equation,
relating junction temperature to bond failure, was
established. The application of this equation yields the table
of Table 6. This table relates the junction temperature of a
device in a plastic package to the continuous operating time
before 0.1% bond failure (1 failure per 1000 bonds)
The MC10SX1130 device is designed with chip power
levels that permit acceptable reliability levels, in most
systems, under the conventional 500 lfpm (2.5 m/s) airflow.
T = 6.376 × 10 −9 e
11554.267
273.15 + TJ
Where:
T = Time to 0.1% bond failure
Table 6. TJ vs Time to 0.1% Bond Failure
Junction
Temp. (°C)
Time (Hrs.)
Time (yrs.)
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.1
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
ORDERING INFORMATION
Device
Package
Shipping
MC10SX1130D
SOIC−16
48 Units / Rail
MC10SX1130DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC10SX1130DR2
SOIC−16
2500 / Tape & Reel
MC10SX1130DR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - MC10SX1130DR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
More results

同様の説明 - MC10SX1130DR2

メーカー部品番号データシート部品情報
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com