データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC26LS30D データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC26LS30D
部品情報  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30D データシート(HTML) 1 Page - ON Semiconductor

  MC26LS30D Datasheet HTML 1Page - ON Semiconductor MC26LS30D Datasheet HTML 2Page - ON Semiconductor MC26LS30D Datasheet HTML 3Page - ON Semiconductor MC26LS30D Datasheet HTML 4Page - ON Semiconductor MC26LS30D Datasheet HTML 5Page - ON Semiconductor MC26LS30D Datasheet HTML 6Page - ON Semiconductor MC26LS30D Datasheet HTML 7Page - ON Semiconductor MC26LS30D Datasheet HTML 8Page - ON Semiconductor MC26LS30D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 2
1
Publication Order Number:
MC26LS30/D
MC26LS30
Dual Differential
(EIA−422−A)/
Quad Single−Ended
(EIA−423−A) Line Drivers
The MC26LS30 is a low power Schottky set of line drivers which
can be configured as two differential drivers which comply with
EIA−422−A standards, or as four single−ended drivers which comply
with EIA−423−A standards. A mode select pin and appropriate choice
of power supplies determine the mode. Each driver can source and
sink currents in excess of 50 mA.
In the differential mode (EIA−422−A), the drivers can be used up to
10 Mbaud. A disable pin for each driver permits setting the outputs
into a high impedance mode within a +10 V common mode range.
In the single−ended mode (EIA−423−A), each driver has a slew rate
control pin which permits setting the slew rate of the output signal so
as to comply with EIA−423−A and FCC requirements and to reduce
crosstalk. When operated from symmetrical supplies (+5.0 V), the
outputs exhibit zero imbalance
The MC26LS30 is available in a 16−pin surface mount package.
Operating temperature range is −40
°C to +85°C.
Operates as Two Differential EIA−422−A Drivers, or Four
Single−Ended EIA−423−A Drivers
High Impedance Outputs in Differential Mode
Short Circuit Current Limit In Both Source and Sink Modes
±10 V Common Mode Range on High Impedance Outputs
±15 V Range on Inputs
Low Current PNP Inputs Compatible with TTL, CMOS, and MOS
Outputs
Individual Output Slew Rate Control in Single−Ended Mode
Replacement for the AMD AM26LS30 and National Semiconductor
DS3691
Pb−Free Packages are Available
Representative Block Diagrams
Single−Ended Mode
EIA−423−A
Differential Mode
EIA−422−A
Enable CD
Enable AB
Out D
Out C
Out B
Out A
VCC−1
VEE−8
Input D
Input A
Input A
SR−A
Out A
Gnd−5
Mode−4
SR−B
SR−C
Out D
SR−D
Out C
Out B
Input B
Input C
Input D
Device
Package
Shipping
ORDERING INFORMATION
MC26LS30D
48 Units/Rail
SO−16
PIN CONNECTIONS
16
1
4
2
5
6
7
8
9
3
10
11
12
13
14
15
Input C/
Enable CD
(Top View)
SR−A
Output A
Output B
Input D
VEE
SR−D
Output D
Output C
SR−C
SR−B
Gnd
VCC
Input A
Mode
Input B/
Enable AB
SO−16
D SUFFIX
CASE 751B
16
1
1
16
MC26LS30D
AWLYWW
MARKING
DIAGRAM
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
MC26LS30DR2
2500 Tape & Reel
SO−16
MC26LS30DG
48 Units/Rail
SO−16
(Pb−Free)
MC26LS30DR2G
2500 Tape & Reel
SO−16
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com


同様の部品番号 - MC26LS30D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC26LS30D ONSEMI-MC26LS30D Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
More results

同様の説明 - MC26LS30D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
Texas Instruments
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com