データシートサーチシステム |
|
MC100LVEP11DT データシート(PDF) 3 Page - ON Semiconductor |
|
MC100LVEP11DT データシート(HTML) 3 Page - ON Semiconductor |
3 / 12 page MC10LVEP11, MC100LVEP11 http://onsemi.com 3 Table 3. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Unit VCC PECL Mode Power Supply VEE = 0 V 6 V VEE NECL Mode Power Supply VCC = 0 V −6 V VI PECL Mode Input Voltage NECL Mode Input Voltage VEE = 0 V VCC = 0 V VI v VCC VI w VEE 6 −6 V V Iout Output Current Continuous Surge 50 100 mA mA TA Operating Temperature Range −40 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm SOIC−8 SOIC−8 190 130 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board SOIC−8 41 to 44 °C/W qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm TSSOP−8 TSSOP−8 185 140 °C/W °C/W qJC Thermal Resistance (Junction−to−Case) Standard Board TSSOP−8 41 to 44 °C/W qJA Thermal Resistance (Junction−to−Ambient) 0 lfpm 500 lfpm DFN8 DFN8 129 84 °C/W °C/W Tsol Wave Solder Pb Pb−Free <2 to 3 sec @ 248°C <2 to 3 sec @ 260°C 265 265 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
同様の部品番号 - MC100LVEP11DT |
|
同様の説明 - MC100LVEP11DT |