データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74ACT02DTR2G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC74ACT02DTR2G
部品情報  Quad 2?묲nput NOR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT02DTR2G データシート(HTML) 2 Page - ON Semiconductor

  MC74ACT02DTR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT02DTR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT02DTR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT02DTR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT02DTR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT02DTR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT02DTR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT02DTR2G Datasheet HTML 8Page - ON Semiconductor MC74ACT02DTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC74AC02, MC74ACT02
http://onsemi.com
2
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
VCC @ 4.5 V
40
ns/V
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
VCC @ 5.5 V
8.0
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = −50 μA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
−12 mA
4.5
3.86
3.76
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 μA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.


同様の部品番号 - MC74ACT02DTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74ACT02DTR2G ONSEMI-MC74ACT02DTR2G Datasheet
88Kb / 8P
   Quad 2-Input NOR Gate
January, 2015 ??Rev. 8
More results

同様の説明 - MC74ACT02DTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H102 ONSEMI-MC10H102_06 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
NLSF302 ONSEMI-NLSF302_06 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H100 ONSEMI-MC10H100_06 Datasheet
144Kb / 5P
   Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
logo
NTE Electronics
NTE7402 NTE-NTE7402 Datasheet
69Kb / 3P
   Integrated Circuit TTL ??Quad 2?묲nput Positive NOR Gate
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com