データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74ACT08DG データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC74ACT08DG
部品情報  Quad 2?묲nput AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT08DG データシート(HTML) 7 Page - ON Semiconductor

  MC74ACT08DG Datasheet HTML 1Page - ON Semiconductor MC74ACT08DG Datasheet HTML 2Page - ON Semiconductor MC74ACT08DG Datasheet HTML 3Page - ON Semiconductor MC74ACT08DG Datasheet HTML 4Page - ON Semiconductor MC74ACT08DG Datasheet HTML 5Page - ON Semiconductor MC74ACT08DG Datasheet HTML 6Page - ON Semiconductor MC74ACT08DG Datasheet HTML 7Page - ON Semiconductor MC74ACT08DG Datasheet HTML 8Page - ON Semiconductor MC74ACT08DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC74AC08, MC74ACT08
http://onsemi.com
7
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
7X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


同様の部品番号 - MC74ACT08DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74ACT08DG ONSEMI-MC74ACT08DG Datasheet
87Kb / 8P
   Quad 2-Input AND Gate
January, 2015 ??Rev. 10
More results

同様の説明 - MC74ACT08DG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com