データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74HCT74A データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC74HCT74A
部品情報  Dual D Flip?묯lop with Set and Reset with LSTTL Compatible Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT74A データシート(HTML) 3 Page - ON Semiconductor

  MC74HCT74A_06 Datasheet HTML 1Page - ON Semiconductor MC74HCT74A_06 Datasheet HTML 2Page - ON Semiconductor MC74HCT74A_06 Datasheet HTML 3Page - ON Semiconductor MC74HCT74A_06 Datasheet HTML 4Page - ON Semiconductor MC74HCT74A_06 Datasheet HTML 5Page - ON Semiconductor MC74HCT74A_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74HCT74A
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
30
24
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figures 1 and 4)
24
30
36
ns
tPLH,
tPHL
Maximum Propagation Delay, Set or Reset to Q or Q
(Figures 2 and 4)
24
30
36
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
15
19
22
ns
Cin
Maximum Input Capacitance
10
10
10
pF
2. For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON Semiconductor
High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Enabled Output)*
Typical @ 25°C, VCC = 5.0 V
pF
32
3. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Fig.
Guaranteed Limit
Units
– 55 to
25_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Data to Clock
3
15
19
22
ns
th
Minimum Hold Time, Clock to Data
3
3
3
3
ns
trec
Minimum Recovery Time, Set or Reset Inactive to Clock
2
6
8
9
ns
tw
Minimum Pulse Width, Clock
1
15
19
22
ns
tw
Minimum Pulse Width, Set or Reset
2
15
19
22
ns
tr, tf
Maximum Input Rise and Fall Times
1
500
500
500
ns
ORDERING INFORMATION
Device
Package
Shipping
MC74HCT74AN
PDIP−14
25 Units / Rail
MC74HCT74ANG
PDIP−14
(Pb−Free)
MC74HCT74AD
SOIC−14
55 Units / Rail
MC74HCT74ADG
SOIC−14
(Pb−Free)
MC74HCT74ADR2
SOIC−14
2500 / Tape & Reel
MC74HCT74ADR2G
SOIC−14
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - MC74HCT74A_06

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74HCT74AD MOTOROLA-MC74HCT74AD Datasheet
187Kb / 5P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT74AD ONSEMI-MC74HCT74AD Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT74ADG ONSEMI-MC74HCT74ADG Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
MC74HCT74ADR2 ONSEMI-MC74HCT74ADR2 Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT74ADR2G ONSEMI-MC74HCT74ADR2G Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
More results

同様の説明 - MC74HCT74A_06

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC74HCT74A MOTOROLA-MC74HCT74A Datasheet
187Kb / 5P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
logo
Motorola, Inc
MC74HCT273A MOTOROLA-MC74HCT273A Datasheet
131Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_11 Datasheet
141Kb / 7P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC74HCT174A MOTOROLA-MC74HCT174A Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_14 Datasheet
118Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
MC74HCT273A ONSEMI-MC74HCT273A Datasheet
152Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com