データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV2109 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MV2109
部品情報  Silicon Tuning Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MV2109 データシート(HTML) 3 Page - ON Semiconductor

  MV2109 Datasheet HTML 1Page - ON Semiconductor MV2109 Datasheet HTML 2Page - ON Semiconductor MV2109 Datasheet HTML 3Page - ON Semiconductor MV2109 Datasheet HTML 4Page - ON Semiconductor MV2109 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
http://onsemi.com
3
TYPICAL DEVICE CHARACTERISTICS
Figure 1. Diode Capacitance versus Reverse Voltage
Figure 2. Normalized Diode Capacitance versus
Junction Temperature
Figure 3. Reverse Current versus Reverse Bias
Voltage
Figure 4. Figure of Merit versus Reverse Voltage
VR, REVERSE VOLTAGE (VOLTS)
1.0
2.0
0.2
10
30
20
1.0
2.0
5.0
10
1000
50
20
100
500
5.0
0.5
0.1
200
TA = 25°C
f = 1.0 MHz
MMBV2109LT1/MV2109
1.040
1.030
1.020
1.010
1.000
0.990
0.980
TJ, JUNCTION TEMPERATURE (°C)
+125
−75
−25
0
+25
+50
−50
+75
+100
0.970
0.960
VR = 2.0 Vdc
VR = 4.0 Vdc
VR = 30 Vdc
100
50
20
10
5.0
0.01
VR, REVERSE VOLTAGE (VOLTS)
5.0
10
20
15
25
30
0.02
0.05
0.10
0.20
0.50
1.0
2.0
TA = 125°C
TA = 75°C
TA = 25°C
100
200
500
1000
5000
2000
1.0
2.0
5.0
7.0
10
3.0
20
VR, REVERSE VOLTAGE (VOLTS)
2000
1000
200
500
300
100
f, FREQUENCY (MHz)
10
30
50
70
100
3000
50
30
20
10
20
200
250
TA = 25°C
f = 50 MHz
TA = 25°C
VR = 4.0 Vdc
Figure 5. Figure of Merit versus Frequency
MMBV2105LT1/MV2105
MMBV2101LT1/MV2101
3.0
0.3
0
10
20
50
300
3000
30
30
MMBV2101LT1/MV2101
MMBV2109LT1
5000
MMBV2101LT1/MV2101
MMBV2109LT1/MV2109
NORMALIZED TO CT
at TA = 25°C
VR = (CURVE)


同様の部品番号 - MV2109

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MV2109 LRC-MV2109 Datasheet
61Kb / 3P
   Silicon Tuning Diode
logo
E-Tech Electronics LTD
MV2109 ETL-MV2109 Datasheet
123Kb / 3P
   Silicon Tuning Diode
logo
New Jersey Semi-Conduct...
MV2109 NJSEMI-MV2109 Datasheet
92Kb / 1P
   VOLTAGE-VARIABLE CAPACITANCE DIODES
More results

同様の説明 - MV2109

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66_07 Datasheet
92Kb / 8P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com