データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL6619TP1N データシート(PDF) 1 Page - Zarlink Semiconductor Inc

部品番号 SL6619TP1N
部品情報  Direct Conversion FSK Data Receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6619TP1N データシート(HTML) 1 Page - Zarlink Semiconductor Inc

  SL6619TP1N Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6619TP1N Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SL6619
Direct Conversion FSK Data Receiver
August 2005
The SL6619 is an advanced Direct Conversion FSK Data
Receiver for operation up to 450 MHz. The device integrates all
functions to convert a binary FSK modulated RF signal into a
demodulated data stream.
Adjacent channel rejection is provided using tuneable gyrator
filters. RF and audio AGC functions assist operation when large
interfering signals are present and an automatic frequency control
(AFC) function is provided to extend centre frequency acceptance.
Features
Very Low Power Operation from Single Cell
Superior Sensitivity
Operation at 512, 1200 and 2400 Baud
On Chip 1 Volt Regulator
1mm Height Miniature Package
Automatic Frequency Control Function
Programmable Post Detection Filter
AGC Detection Circuitry
Power Down Function
Battery Strength Indicator
Applications
Pagers, including Credit Card, PCMCIA and
Watch Pagers
Low Data Rate Receivers, e.g. Security Systems
Figure 1 Pin identification diagram (top view). See Table 1
for pin descriptions
1
2
3
4
5
6
7
8
IRF
GND
MIXIP A
MIX DEC
MIXIP B
REG CNT
VREG
TPI
9 10 11 1213 1415 16
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
AFC1
BATT FLAG
VCC2
DATA OP
BEC
AFC OP
VREF
TPQ
TP32
SL6619
ABSOLUTE MAXIMUM RATINGS
Storage temperature
Operating temperature
Maximum voltage on any pin w.r.t. any
other pin, subject to the following conditions:
Current, pin 3 (MIXIP), pin 5 (MIXPB),
pin 12 (LOIPI) and pin 14 (LOIPB)
Most negative voltage on any pin
255
°C to1150°C
210
°C to155°C
14V
<5ma
20·5V w.r.t. gnd
+
+
1·0V
1·08V
4
f
DETECTOR
MIXER
LIMITER
AFC
LIMITER
MIX
DEC
BEC
VCC1 VCC2 GND VREF
3
5
12
9 10 13
7
6 8
29
4
20
11
22
2
18
26
27
21
31
30
19
14
15 16 28
23 17
1
32
24 25
Figure 2 - Block diagram of SL6619
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 1998 - 200
5, Zarlink Semiconductor Inc. All Rights Reserved.
Data Sheet
Ordering Information
SL6619/KG/TP1N
32 Pin TQFP
Trays
SL6619/KG/TP1Q
32 Pin TQFP
Tape & Reel
SL6619/KG/TP2Q
32 Pin TQFP*
Tape & Reel
SL6619/KG/TP2N
32 Pin TQFP*
Trays
*Pb Free Matte Tin


同様の部品番号 - SL6619TP1N

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
SL6619TP1N MITEL-SL6619TP1N Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

同様の説明 - SL6619TP1N

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com