データシートサーチシステム |
|
TS83C51RD2-LIE データシート(PDF) 8 Page - International Rectifier |
|
TS83C51RD2-LIE データシート(HTML) 8 Page - International Rectifier |
8 / 85 page 8 4188E–8051–08/06 AT/TS8xC51Rx2 Mnemonic Pin Number Type Name And Function DIL LCC VQFP 1.4 VSS 20 22 16 I Ground: 0V reference Vss1 1 39 I Optional Ground: Contact the Sales Office for ground connection. V CC 40 44 38 I Power Supply: This is the power supply voltage for normal, idle and power-down operation P0.0-P0.7 39-32 43-36 37-30 I/O Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to them float and can be used as high impedance inputs. Port 0 pins must be polarized to Vcc or Vss in order to prevent any parasitic current consumption. Port 0 is also the multiplexed low-order address and data bus during access to external program and data memory. In this application, it uses strong internal pull-up when emitting 1s. Port 0 also inputs the code bytes during EPROM programming. External pull-ups are required during program verification during which P0 outputs the code bytes. P1.0-P1.7 1-8 2-9 40-44 1-3 I/O Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 1 pins that are externally pulled low will source current because of the internal pull-ups. Port 1 also receives the low-order address byte during memory programming and verification. Alternate functions for Port 1 include: 12 40 I/O T2 (P1.0): Timer/Counter 2 external count input/Clockout 23 41 I T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control 34 42 I ECI (P1.2): External Clock for the PCA 45 43 I/O CEX0 (P1.3): Capture/Compare External I/O for PCA module 0 56 44 I/O CEX1 (P1.4): Capture/Compare External I/O for PCA module 1 67 45 I/O CEX0 (P1.5): Capture/Compare External I/O for PCA module 2 78 46 I/O CEX0 (P1.6): Capture/Compare External I/O for PCA module 3 89 47 I/O CEX0 (P1.7): Capture/Compare External I/O for PCA module 4 P2.0-P2.7 21-28 24-31 18-25 I/O Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 2 pins that are externally pulled low will source current because of the internal pull-ups. Port 2 emits the high-order address byte during fetches from external program memory and during accesses to external data memory that use 16- bit addresses (MOVX @DPTR).In this application, it uses strong internal pull-ups emitting 1s. During accesses to external data memory that use 8-bit addresses (MOVX @Ri), port 2 emits the contents of the P2 SFR. Some Port 2 pins (P2.0 to P2.5) receive the high order address bits during EPROM programming and verification: P3.0-P3.7 10-17 11, 13-19 5, 7-13 I/O Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, Port 3 pins that are externally pulled low will source current because of the internal pull-ups. Some Port 3 pins (P3.4 to P3.5) receive the high order address bits during EPROM programming and verification. Port 3 also serves the special features of the 80C51 family, as listed below. 10 11 5 I RXD (P3.0): Serial input port 11 13 7 O TXD (P3.1): Serial output port |
同様の部品番号 - TS83C51RD2-LIE |
|
同様の説明 - TS83C51RD2-LIE |