データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2940L-90-TA3-T データシート(PDF) 9 Page - Unisonic Technologies

部品番号 LM2940L-90-TA3-T
部品情報  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940L-90-TA3-T データシート(HTML) 9 Page - Unisonic Technologies

Back Button LM2940L-90-TA3-T Datasheet HTML 3Page - Unisonic Technologies LM2940L-90-TA3-T Datasheet HTML 4Page - Unisonic Technologies LM2940L-90-TA3-T Datasheet HTML 5Page - Unisonic Technologies LM2940L-90-TA3-T Datasheet HTML 6Page - Unisonic Technologies LM2940L-90-TA3-T Datasheet HTML 7Page - Unisonic Technologies LM2940L-90-TA3-T Datasheet HTML 8Page - Unisonic Technologies LM2940L-90-TA3-T Datasheet HTML 9Page - Unisonic Technologies LM2940L-90-TA3-T Datasheet HTML 10Page - Unisonic Technologies LM2940L-90-TA3-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R102-016.E
TYPICAL CHARACTERISTICS (Cont.)
04
6
2
2
8
10
0
4
6
Input Voltage (V)
12
14
8
10
12
14
Low Voltage Behavior
06
3
39
12
0
6
Input Voltage (V)
15
18
9
12
15
18
Low Voltage Behavior
IOUT=1A
06
3
39
12
0
6
Input Voltage (V)
15
18
9
12
15
18
Low Voltage Behavior
-30
-10
0
0
-20
10
20
-2
2
4
Input Voltage (V)
30 40
6
8
10
12
Output at Voltage Extremes
RO=100Ω
VOUT=5V
-30
-10
0
0
-20
10
20
-4
4
8
Input Voltage (V)
30
40
12
16
20
Output at Voltage Extremes
VoUT=8V
-30
-10
0
0
-20
10
20
-4
4
8
Input Voltage (V)
30 40
12
16
20
Output at Voltage Extremes
VoUT=9V
RO=100Ω
RO=100Ω
VOUT=10 V
TJ=25℃
IOUT=1A
VOUT=12 V
TJ=25℃
IOUT=1A
VOUT=15 V
TJ=25℃


同様の部品番号 - LM2940L-90-TA3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM2940L-90-TA3-T UTC-LM2940L-90-TA3-T Datasheet
368Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results

同様の説明 - LM2940L-90-TA3-T

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com