データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3845-S08-T データシート(PDF) 4 Page - Unisonic Technologies

部品番号 UC3845-S08-T
部品情報  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3845-S08-T データシート(HTML) 4 Page - Unisonic Technologies

  UC3845-S08-T Datasheet HTML 1Page - Unisonic Technologies UC3845-S08-T Datasheet HTML 2Page - Unisonic Technologies UC3845-S08-T Datasheet HTML 3Page - Unisonic Technologies UC3845-S08-T Datasheet HTML 4Page - Unisonic Technologies UC3845-S08-T Datasheet HTML 5Page - Unisonic Technologies UC3845-S08-T Datasheet HTML 6Page - Unisonic Technologies UC3845-S08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UC3844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R103-010,C
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Total Power Supply and Zener Current
(ICC+Iz)
30
mA
Output Current, Source or Sink (Note 2)
IOUT
1.0
A
Output Energy (Capacitive Load per cycle)
W
5.0
μJ
Current Sense and Voltage feedback Inputs
VIN
-0.3 ~ +5.5
V
Error Amp Output Sink Current
ISINK
10
mA
SOP-8
862
mW
Power Dissipation
DIP-8
PD
1250
mW
Junction Temperature
TJ
+150
°C
Operation Temperature Range
TOPR
0 ~ 70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.Maxmum package power dissipation limits must be observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
145
°C/W
Thermal Resistance(Junction-to-Air)
DIP-8
θJA
100
°C/W
ELECTRICAL CHARACTERISTICS
(Ta=25
°C, VCC=15V, RT=10k, CT=3.3nF, 0°C TA 70°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Reference Output Voltage
VREF
IOUT=1.0mA,TJ=25 C
4.9
5.0
5.1
V
Line Regulation
VOUT
VCC=12V ~ 25V
2.0
20
mV
Load Regulation
VOUT
IOUT=1.0mA ~ 20mA
3.0
25
mV
Temperature Stability
tS
0.2
mV/
°C
Total Output Variation over Line,
Load, Temperature
VREF
4.82
5.18
V
Output Noise Voltage
eN
f=10Hz ~ kHz, TJ=25°C
50
μV
Long Term Stability
S
TA=125°C for 1000 Hours
5
mV
Output Short Circuit Current
ISC
-30
-85
-180
mA
OSCILLATOR SECTION
Oscillator Voltage Swing
VOSC
1.6
V
Discharge Current
IDSG
VOSC=2.0V, TJ=25
°C
10.8
mA
TJ=25°C,
47
52
57
Frequency
fOSC
0
°C
TA 70°C
46
60
kHz
Frequency Change with Voltage
ΔfOSC/ΔV
VCC=12V ~ 25V
0.2
1.0
%
Frequency Change with Temperature
ΔfOSC/ΔT
0
°C
TA 70°C
5.0
%
ERROR AMPLIFIER SECTION
Voltage Feedback Input
VFB
VOUT=2.5V
2.42
2.50
2.58
V
High
VOH
RL=15k to ground, VFB=2.3V
5.0
6.2
Output Voltage Swing
Low
VOL
RL=15k to VREF, VFB=2.7V
0.8
1.1
V
Sink
ISINK
VOUT=1.1V, VFB=2.7V
2.0
12
Output Current
Source
ISOURCE
VOUT=5.0V, VFB=2.3V
-0.5
-1.0
mA
Input Bias Current
II(BIAS)
VFB=2.7V
-0.1
-2.0
μA
Open Loop Voltage Gain
GVO
VOUT=2.0V ~ 4.0V
65
90
dB
Power Supply Rejection Ratio
PSRR
VCC=12V ~ 25V
60
70
dB
Unity Gain Bandwidth
GBW
TJ=25°C
0.7
1.0
MHz


同様の部品番号 - UC3845-S08-T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UC3845 STMICROELECTRONICS-UC3845 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC3845 TI-UC3845 Datasheet
433Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3845 FAIRCHILD-UC3845 Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3845 TI-UC3845 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3845 TI-UC3845 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC3845-S08-T

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com