データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F240 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74F240
部品情報  Octal Buffers/Line Drivers with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F240 データシート(HTML) 2 Page - Fairchild Semiconductor

  74F240 Datasheet HTML 1Page - Fairchild Semiconductor 74F240 Datasheet HTML 2Page - Fairchild Semiconductor 74F240 Datasheet HTML 3Page - Fairchild Semiconductor 74F240 Datasheet HTML 4Page - Fairchild Semiconductor 74F240 Datasheet HTML 5Page - Fairchild Semiconductor 74F240 Datasheet HTML 6Page - Fairchild Semiconductor 74F240 Datasheet HTML 7Page - Fairchild Semiconductor 74F240 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
74F240
IEEE/IEC
74F241
IEEE/IEC
74F244
Unit Loading/Fan Out
Note 2: Worst-case 74F240 enabled; 74F241, 74F244 disabled
Truth Tables
74F240
74F241
74F244
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
OE1, OE2
3-STATE Output Enable Input (Active LOW)
1.0/1.667
20
µA/−1 mA
OE2
3-STATE Output Enable Input (Active HIGH)
1.0/1.667
20
µA/−1 mA
I0–I7
Inputs (74F240)
1.0/1.667 (Note 2)
20
µA/−1 mA
I0–I7
Inputs (74F241, 74F244)
1.0/2.667 (Note 2)
20
µA/−1.6 mA
O0–O7, O0–O7 Outputs
600/106.6 (80)
−12 mA/64 mA (48 mA)
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
H
X
Z
LH
L
L
H
L
LL
H
L
L
H
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
L
X
Z
L
H
HHH
H
LLL
H
L
L
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
H
X
Z
LH
H
L
H
H
LL
LLL
L


同様の部品番号 - 74F240

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F240 NSC-74F240 Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240 Datasheet
66Kb / 7P
   Octal Buffers/Line Drivers with 3-STATE Outputs
74F240 FAIRCHILD-74F240 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Texas Instruments
74F240 TI1-74F240 Datasheet
439Kb / 12P
[Old version datasheet]   Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
More results

同様の説明 - 74F240

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com