データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX16722 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74VCX16722
部品情報  Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16722 データシート(HTML) 7 Page - Fairchild Semiconductor

  74VCX16722_05 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16722_05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 3. AC Test Circuit
FIGURE 4. Waveform for Inverting and
Non-inverting Functions
tr = tf ≤ 2.0ns, 10% to 90%
FIGURE 5. 3-STATE Output High Enable and
Disable Times for Low Voltage Logic
tr = tf ≤ 2.0ns, 10% to 90%
FIGURE 6. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
tr = tf ≤ 2.0ns, 10% to 90%
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V;
VCC x 2 at VCC = 2.5 ± 0.2V; 1.8V to ± 0.15V
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8
± 0.15V
Vmi
1.5V
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
Vx
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.15V
VOH − 0.15V


同様の部品番号 - 74VCX16722_05

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX16722MTD FAIRCHILD-74VCX16722MTD Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
More results

同様の説明 - 74VCX16722_05

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX16722 FAIRCHILD-74VCX16722 Datasheet
83Kb / 8P
   Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16652FT TOSHIBA-TC74VCX16652FT Datasheet
492Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com