データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74LVXT4051 データシート(PDF) 10 Page - ON Semiconductor

部品番号 MC74LVXT4051
部品情報  Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051 データシート(HTML) 10 Page - ON Semiconductor

Back Button MC74LVXT4051_05 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 9Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 10Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 11Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 12Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 13Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC74LVXT4051
http://onsemi.com
10
Figure 18. Power Dissipation Capacitance, Test Set−Up
ON/OFF
12
VCC
NC
OFF/ON
10 − 11,
13 − 14
Channel
Select
15
VIL
VCC
A
Figure 19. Total Harmonic Distortion, Test Set−Up
6
7
8
9− 11
HP3466
DMM
16
50 K
W
)V
COM
HP3466
DMM
)V
COM
HP E3630A
DC Pwr Supply
COM
)20 V *20 V
HP 339
Distortion Measurement Set
Analyzer
Input
COM
Oscillator
Output
COM
RL
CL
ON
OFF
Channel Selects connected
to DC bias supply or ground
and appropriately configured
to test each switch.


同様の部品番号 - MC74LVXT4051_05

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT4051D ONSEMI-MC74LVXT4051D Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
158Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVXT4051DR2 ONSEMI-MC74LVXT4051DR2 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
MC74LVXT4051DR2G ONSEMI-MC74LVXT4051DR2G Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
More results

同様の説明 - MC74LVXT4051_05

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com