データシートサーチシステム |
|
MC74LVXT4051D データシート(PDF) 4 Page - ON Semiconductor |
|
MC74LVXT4051D データシート(HTML) 4 Page - ON Semiconductor |
4 / 14 page MC74LVXT4051 http://onsemi.com 4 DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND) VCC Guaranteed Limit Symbol Parameter Condition VCC V *55 to 25°C v85°C v125°C Unit VIH Minimum High−Level Input Volt- age, Channel−Select or Enable Inputs 3.0 4.5 5.5 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 V VIL Maximum Low−Level Input Volt- age, Channel−Select or Enable Inputs 3.0 4.5 5.5 0.5 0.8 0.8 0.5 0.8 0.8 0.5 0.8 0.8 V IIN Maximum Input Leakage Current, Channel−Select or Enable Inputs VIN = 6.0 or GND 0 V to 6.0 V $0.1 $1.0 $1.0 mA ICC Maximum Quiescent Supply Current (per Package) Channel Select, Enable and VIS = VCC or GND 6.0 4.0 40 80 mA DC ELECTRICAL CHARACTERISTICS − Analog Section VCC VEE Guaranteed Limit Symbol Parameter Test Conditions VCC V VEE V *55 to 25°C v85_C v125_C Unit RON Maximum “ON” Resistance VIN = VIL or VIH VIS = ½ (VCC − VEE) |IS| = 2.0 mA (Figure 4) 3.0 4.5 3.0 0 0 *3.0 86 37 26 108 46 33 120 55 37 W DRON Maximum Difference in “ON” Re- sistance Between Any Two Channels in the Same Package VIN = VIL or VIH VIS = ½ (VCC − VEE) |IS| = 2.0 mA 3.0 4.5 3.0 0 0 *3.0 15 13 10 20 18 15 20 18 15 W Ioff Maximum Off−Channel Leakage Current, Any One Channel Vin = VIL or VIH; VIO = VCC or GND; Switch Off (Figure 3) 5.5 +3.0 0 −3.0 0.1 0.1 0.5 0.5 1.0 1.0 mA Maximum Off−Channel Leakage Current, Common Channel Vin = VIL or VIH; VIO = VCC or GND; Switch Off (Figure 4) 5.5 +3.0 0 −3.0 0.2 0.2 2.0 2.0 4.0 4.0 Ion Maximum On−Channel Leakage Current, Channel−to−Channel Vin = VIL or VIH; Switch−to−Switch = VCC or GND; (Figure 5) 5.5 +3.0 0 −3.0 0.2 0.2 2.0 2.0 4.0 4.0 mA AC CHARACTERISTICS (Input tr = tf = 3 ns) Guaranteed Limit VCC VEE *55 to 25_C Symbol Parameter Test Conditions VCC V VEE V Min Typ* v85_C v125_C Unit tBBM Minimum Break−Before−Make Time VIN = VIL or VIH VIS = VCC RL = 300 W, CL = 35 pF (Figures 12 and 13) 3.0 4.5 3.0 0.0 0.0 *3.0 1.0 1.0 1.0 6.5 5.0 3.5 − − − − − − ns *Typical Characteristics are at 25 _C. |
同様の部品番号 - MC74LVXT4051D |
|
同様の説明 - MC74LVXT4051D |