データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74LVXT4066DR2G データシート(PDF) 10 Page - ON Semiconductor

部品番号 MC74LVXT4066DR2G
部品情報  Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4066DR2G データシート(HTML) 10 Page - ON Semiconductor

Back Button MC74LVXT4066DR2G Datasheet HTML 4Page - ON Semiconductor MC74LVXT4066DR2G Datasheet HTML 5Page - ON Semiconductor MC74LVXT4066DR2G Datasheet HTML 6Page - ON Semiconductor MC74LVXT4066DR2G Datasheet HTML 7Page - ON Semiconductor MC74LVXT4066DR2G Datasheet HTML 8Page - ON Semiconductor MC74LVXT4066DR2G Datasheet HTML 9Page - ON Semiconductor MC74LVXT4066DR2G Datasheet HTML 10Page - ON Semiconductor MC74LVXT4066DR2G Datasheet HTML 11Page - ON Semiconductor MC74LVXT4066DR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC74LVXT4066
http://onsemi.com
10
+3 V
14
LVXT4066
CONTROL
INPUTS
7
5
6
14
15
1.8 − 2.5V
CIRCUITRY
ANALOG
SIGNALS
ANALOG
SIGNALS
R* = 2 TO 10 kW
CHANNEL 4
CHANNEL 3
CHANNEL 2
CHANNEL 1
1 OF 4
SWITCHES
COMMON I/O
12
3
4
CONTROL INPUTS
INPUT
OUTPUT
0.01 mF
LF356 OR
EQUIVALENT
a. Low Voltage Logic Level Shifting Control
b. Using LVXT4066
Figure 18. Low Voltage CMOS Interface
Figure 19. 4−Input Multiplexer
Figure 20. Sample/Hold Amplifier
+
1 OF 4
SWITCHES
+5 V
14
CONTROL
INPUTS
7
5
6
14
15
LSTTL/
NMOS/
ABT/
ALS
ANALOG
SIGNALS
ANALOG
SIGNALS
1 OF 4
SWITCHES
1 OF 4
SWITCHES
1 OF 4
SWITCHES
LVXT4066
+3V
GND
+3V
GND


同様の部品番号 - MC74LVXT4066DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT4066DR2G ONSEMI-MC74LVXT4066DR2G Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74LVXT4066DR2G ONSEMI-MC74LVXT4066DR2G Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
More results

同様の説明 - MC74LVXT4066DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74VHC4066 ONSEMI-MC74VHC4066 Datasheet
219Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2006 ??Rev. 5
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com