データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4016BCM データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 CD4016BCM
部品情報  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4016BCM データシート(HTML) 7 Page - Fairchild Semiconductor

  CD4016BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4016BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4016BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4016BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4016BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4016BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4016BCM Datasheet HTML 7Page - Fairchild Semiconductor CD4016BCM Datasheet HTML 8Page - Fairchild Semiconductor CD4016BCM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Typical Applications
4 Input Multiplexer
Sample/Hold Amplifier
Special Considerations
The CD4016B is composed of 4, two-transistor analog
switches. These switches do not have any linearization or
compensation circuitry for “RON” as do the CD4066B's.
Because of this, the special operating considerations for
the CD4066B do not apply to the CD4016B, but at low sup-
ply voltages,
≤5V, the CD4016B's On Resistance becomes
non-linear. It is recommended that at 5V, voltages on the
in/out pins be maintained within about 1V of either VDD or
VSS; and that at 3V the voltages on the in/out pins should
be at VDD or VSS for reliable operation.


同様の部品番号 - CD4016BCM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
93Kb / 9P
   Quad Bilateral Switch
More results

同様の説明 - CD4016BCM

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com