データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4049UBCM データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 CD4049UBCM
部品情報  Hex Inverting Buffer Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4049UBCM データシート(HTML) 1 Page - Fairchild Semiconductor

  CD4049UBCM Datasheet HTML 1Page - Fairchild Semiconductor CD4049UBCM Datasheet HTML 2Page - Fairchild Semiconductor CD4049UBCM Datasheet HTML 3Page - Fairchild Semiconductor CD4049UBCM Datasheet HTML 4Page - Fairchild Semiconductor CD4049UBCM Datasheet HTML 5Page - Fairchild Semiconductor CD4049UBCM Datasheet HTML 6Page - Fairchild Semiconductor CD4049UBCM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005971
www.fairchildsemi.com
October 1987
Revised April 2002
CD4049UBC • CD4050BC
Hex Inverting Buffer •
Hex Non-Inverting Buffer
General Description
The CD4049UBC and CD4050BC hex buffers are mono-
lithic complementary MOS (CMOS) integrated circuits con-
structed with N- and P-channel enhancement mode
transistors. These devices feature logic level conversion
using only one supply voltage (VDD). The input signal high
level (VIH) can exceed the VDD supply voltage when these
devices are used for logic level conversions. These
devices are intended for use as hex buffers, CMOS to DTL/
TTL converters, or as CMOS current drivers, and at VDD =
5.0V, they can drive directly two DTL/TTL loads over the
full operating temperature range.
Features
s Wide supply voltage range:
3.0V to 15V
s Direct drive to 2 TTL loads at 5.0V over full temperature
range
s High source and sink current capability
s Special input protection permits input voltages greater
than VDD
Applications
• CMOS hex inverter/buffer
• CMOS to DTL/TTL hex converter
• CMOS current “sink” or “source” driver
• CMOS HIGH-to-LOW logic level converter
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP
CD4049UBC
Top View
CD4050BC
Top View
Order Number
Package Number
Package Description
CD4049UBCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4049UBCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
CD4050BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4050BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


同様の部品番号 - CD4049UBCM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4049UBCM FAIRCHILD-CD4049UBCM Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
Rochester Electronics
CD4049UBCM ROCHESTER-CD4049UBCM Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBCM FAIRCHILD-CD4049UBCM Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results

同様の説明 - CD4049UBCM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
   HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com