データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4069UBC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 CD4069UBC
部品情報  Inverter Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4069UBC データシート(HTML) 1 Page - Fairchild Semiconductor

  CD4069UBC_02 Datasheet HTML 1Page - Fairchild Semiconductor CD4069UBC_02 Datasheet HTML 2Page - Fairchild Semiconductor CD4069UBC_02 Datasheet HTML 3Page - Fairchild Semiconductor CD4069UBC_02 Datasheet HTML 4Page - Fairchild Semiconductor CD4069UBC_02 Datasheet HTML 5Page - Fairchild Semiconductor CD4069UBC_02 Datasheet HTML 6Page - Fairchild Semiconductor CD4069UBC_02 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005975
www.fairchildsemi.com
October 1987
Revised April 2002
CD4069UBC
Inverter Circuits
General Description
The CD4069UB consists of six inverter circuits and is man-
ufactured using complementary MOS (CMOS) to achieve
wide power supply operating range, low power consump-
tion, high noise immunity, and symmetric controlled rise
and fall times.
This device is intended for all general purpose inverter
applications where the special characteristics of the
MM74C901, MM74C907, and CD4049A Hex Inverter/Buff-
ers are not required. In those applications requiring larger
noise immunity the MM74C14 or MM74C914 Hex Schmitt
Trigger is suggested.
All inputs are protected from damage due to static dis-
charge by diode clamps to VDD and VSS.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD typ.
s Low power TTL compatibility: Fan out of 2 driving 74L
or 1 driving 74LS
s Equivalent to MM74C04
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix “X” to the ordering code.
Connection Diagram
Schematic Diagram
Order Number
Package Number
Package Description
CD4069UBCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4069UBCSJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4069UBCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


同様の部品番号 - CD4069UBC_02

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
CD4069UBCM FAIRCHILD-CD4069UBCM Datasheet
78Kb / 6P
   Inverter Circuits
CD4069UBCN FAIRCHILD-CD4069UBCN Datasheet
78Kb / 6P
   Inverter Circuits
CD4069UBCSJ FAIRCHILD-CD4069UBCSJ Datasheet
78Kb / 6P
   Inverter Circuits
More results

同様の説明 - CD4069UBC_02

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4069UBC NSC-CD4069UBC Datasheet
137Kb / 6P
   Inverter Circuits
logo
Unisonic Technologies
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
   INVERTER CIRCUITS
TC4069 UTC-TC4069 Datasheet
176Kb / 5P
   INVERTER CIRCUITS
TC4069 UTC-TC4069_15 Datasheet
176Kb / 5P
   INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
   INVERTER CIRCUITS
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
   Inverter Circuits
logo
Unisonic Technologies
TC4069 UTC-TC4069_17 Datasheet
133Kb / 5P
   INVERTER CIRCUITS
CD4069 UTC-CD4069_15 Datasheet
286Kb / 7P
   INVERTER CIRCUITS
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com