データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74VHC1GT66DFT1G データシート(PDF) 8 Page - ON Semiconductor

部品番号 M74VHC1GT66DFT1G
部品情報  SPST (NO) Normally Open Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT66DFT1G データシート(HTML) 8 Page - ON Semiconductor

Back Button M74VHC1GT66DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT66DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT66DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT66DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT66DFT1G Datasheet HTML 6Page - ON Semiconductor M74VHC1GT66DFT1G Datasheet HTML 7Page - ON Semiconductor M74VHC1GT66DFT1G Datasheet HTML 8Page - ON Semiconductor M74VHC1GT66DFT1G Datasheet HTML 9Page - ON Semiconductor M74VHC1GT66DFT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC74VHC1GT66, NLVHC1GT66
http://onsemi.com
8
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A, SOT−353, SC−70
CASE 419A−02
ISSUE J
mm
inches
SCALE 20:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748


同様の部品番号 - M74VHC1GT66DFT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
M74VHC1GT00DFT1G ONSEMI-M74VHC1GT00DFT1G Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
M74VHC1GT00DFT1G ONSEMI-M74VHC1GT00DFT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
M74VHC1GT00DFT1G ONSEMI-M74VHC1GT00DFT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
M74VHC1GT00DFT1G ONSEMI-M74VHC1GT00DFT1G Datasheet
82Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
June, 2014 ??Rev. 13
M74VHC1GT00DFT1G ONSEMI-M74VHC1GT00DFT1G Datasheet
205Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 22
More results

同様の説明 - M74VHC1GT66DFT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
NTE Electronics
NTE861 NTE-NTE861 Datasheet
26Kb / 3P
   Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable
logo
Fairchild Semiconductor
FSA266 FAIRCHILD-FSA266 Datasheet
209Kb / 11P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com