データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2904W データシート(PDF) 10 Page - STMicroelectronics

部品番号 LM2904W
部品情報  Low power dual operational amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W データシート(HTML) 10 Page - STMicroelectronics

Back Button LM2904W_06 Datasheet HTML 6Page - STMicroelectronics LM2904W_06 Datasheet HTML 7Page - STMicroelectronics LM2904W_06 Datasheet HTML 8Page - STMicroelectronics LM2904W_06 Datasheet HTML 9Page - STMicroelectronics LM2904W_06 Datasheet HTML 10Page - STMicroelectronics LM2904W_06 Datasheet HTML 11Page - STMicroelectronics LM2904W_06 Datasheet HTML 12Page - STMicroelectronics LM2904W_06 Datasheet HTML 13Page - STMicroelectronics LM2904W_06 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
LM2904W
10/19
Figure 14.
Positive supply voltage
Figure 15.
Gain bandwidth product
010
20
30
POSITIVE SUPPLY VOLTAGE (V)
160
120
80
40
L
R = 20k
Ω
L
R= 2k
Ω
-55-35-15 5 25 45 65 85 105 125
TEMPERATURE (°C)
CC
V
=
15V
1.5
1.35
1.2
1.05
0.9
0.75
0.6
0.45
0.3
0.15
0
Figure 16.
Power supply rejection ratio
Figure 17.
Common mode rejection ratio
Figure 18.
Phase margin vs capacitive load
-55-35-15 5 25 45 65 85 105 125
TEMPERATURE (°C)
SVR
115
110
105
100
95
90
85
80
75
70
65
60
-55-35-15 5 25 45 65 85 105 125
TEMPERATURE (°C)
115
110
105
100
95
90
85
80
75
70
65
60
Phase Margin at Vcc=15V and Vicm=7.5V
Vs. Iout and Capacitive load value


同様の部品番号 - LM2904W_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2904W STMICROELECTRONICS-LM2904W_08 Datasheet
332Kb / 19P
   Low power dual operational amplifier
More results

同様の説明 - LM2904W_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com