データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT18245ADGGRE4 データシート(PDF) 9 Page - Texas Instruments

部品番号 74ABT18245ADGGRE4
部品情報  SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74ABT18245ADGGRE4 データシート(HTML) 9 Page - Texas Instruments

Back Button 74ABT18245ADGGRE4 Datasheet HTML 5Page - Texas Instruments 74ABT18245ADGGRE4 Datasheet HTML 6Page - Texas Instruments 74ABT18245ADGGRE4 Datasheet HTML 7Page - Texas Instruments 74ABT18245ADGGRE4 Datasheet HTML 8Page - Texas Instruments 74ABT18245ADGGRE4 Datasheet HTML 9Page - Texas Instruments 74ABT18245ADGGRE4 Datasheet HTML 10Page - Texas Instruments 74ABT18245ADGGRE4 Datasheet HTML 11Page - Texas Instruments 74ABT18245ADGGRE4 Datasheet HTML 12Page - Texas Instruments 74ABT18245ADGGRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SN54ABT18245A, SN74ABT18245A
SCAN TEST DEVICES
WITH 18-BIT BUS TRANSCEIVERS
SCBS110H – AUGUST 1992 – REVISED FEBRUARY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 44 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin, one BSC for each normal-function I/O pin (one single cell for both input data and
output data), and one BSC for each of the internally decoded output-enable signals (1OEA, 2OEA, 1OEB,
2OEB). The BSR is used to store test data that is to be applied externally to the device output pins, and/or to
capture data that appears internally at the outputs of the normal on-chip logic and/or externally at the device
input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle, as determined by the current instruction. At power up
or in Test-Logic-Reset, BSCs 43–40 are reset to logic 0, ensuring that these cells, which control A-port and
B-port outputs, are set to benign values (i.e., if test mode were invoked, the outputs would be at the
high-impedance state). Reset values of other BSCs should be considered indeterminate.
When external data is to be captured, the BSCs for signals 1OEA, 2OEA, 1OEB, and 2OEB capture logic values
determined
by
the
following
positive-logic
equations:
1OEA = 1OE
• 1DIR, 2OEA = 2OE • 2DIR,
1OEB = 1OE
• DIR, and 2OEB = 2OE • DIR. When data is to be applied externally, these BSCs control the
drive state (active or high impedance) of their respective outputs.
The BSR order of scan is from TDI through bits 43–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
43
2OEB
35
2A9-I/O
26
1A9-I/O
17
2B9-I/O
8
1B9-I/O
42
1OEB
34
2A8-I/O
25
1A8-I/O
16
2B8-I/O
7
1B8-I/O
41
2OEA
33
2A7-I/O
24
1A7-I/O
15
2B7-I/O
6
1B7-I/O
40
1OEA
32
2A6-I/O
23
1A6-I/O
14
2B6-I/O
5
1B6-I/O
39
2DIR
31
2A5-I/O
22
1A5-I/O
13
2B5-I/O
4
1B5-I/O
38
1DIR
30
2A4-I/O
21
1A4-I/O
12
2B4-I/O
3
1B4-I/O
37
2OE
29
2A3-I/O
20
1A3-I/O
11
2B3-I/O
2
1B3-I/O
36
1OE
28
2A2-I/O
19
1A2-I/O
10
2B2-I/O
1
1B2-I/O
27
2A1-I/O
18
1A1-I/O
9
2B1-I/O
0
1B1-I/O
boundary-control register
The boundary-control register (BCR) is three bits long. The BCR is used in the context of the boundary-run test
(RUNT) instruction to implement additional test operations not included in the basic SCOPE
™ instruction set.
Such operations include PRPG, PSA, and binary count up (COUNT). Table 4 shows the test operations that
are decoded by the BCR.
During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is
reset to the binary value 010, which selects the PSA test operation. The BCR order of scan is shown in
Figure 3.
Bit 0
(LSB)
TDO
TDI
Bit 1
Bit 2
(MSB)
Figure 3. Boundary-Control Register Order of Scan


同様の部品番号 - 74ABT18245ADGGRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ABT18245ADGGRE4 TI-74ABT18245ADGGRE4 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
More results

同様の説明 - 74ABT18245ADGGRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com