データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A4741DGKRG4 データシート(PDF) 10 Page - Texas Instruments

部品番号 TS3A4741DGKRG4
部品情報  0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A4741DGKRG4 データシート(HTML) 10 Page - Texas Instruments

Back Button TS3A4741DGKRG4 Datasheet HTML 6Page - Texas Instruments TS3A4741DGKRG4 Datasheet HTML 7Page - Texas Instruments TS3A4741DGKRG4 Datasheet HTML 8Page - Texas Instruments TS3A4741DGKRG4 Datasheet HTML 9Page - Texas Instruments TS3A4741DGKRG4 Datasheet HTML 10Page - Texas Instruments TS3A4741DGKRG4 Datasheet HTML 11Page - Texas Instruments TS3A4741DGKRG4 Datasheet HTML 12Page - Texas Instruments TS3A4741DGKRG4 Datasheet HTML 13Page - Texas Instruments TS3A4741DGKRG4 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.ti.com
V
+
NO
V
+
GND
COM
IN
As
Required
1-MHz
Capacitance
Analyzer
V
+
NO
V
+
GND
COM
IN
Network
Analyzer
Measurementsarestandardizedagainst
shortatsocketterminals.OFFisolationis
measuredbetweenCOMandOFFterminals
oneachswitch.Bandwidthismeasuredbetween
COMandONterminalsoneachswitch.Signal
directionthroughswitchisreversed;worst
valuesarerecorded.
OFFisolation=20log
Add50-
terminationfor
OFFisolation
V /V
O
I
(1)
W
50 W
50 W
50 W 50 W
V
I
V
O
0.1 F
m
Meas
Ref
V
+
(1)
TS3A4741
0.9-
Ω LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
SCDS228B – AUGUST 2006 – REVISED SEPTEMBER 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 16. NO and COM Capacitance
Figure 17. OFF Isolation, Bandwidth, and Crosstalk
10
Submit Documentation Feedback


同様の部品番号 - TS3A4741DGKRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4741DGKRG4 TI-TS3A4741DGKRG4 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741DGKRG4 TI-TS3A4741DGKRG4 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
More results

同様の説明 - TS3A4741DGKRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
logo
ON Semiconductor
NLAS325 ONSEMI-NLAS325 Datasheet
123Kb / 12P
   Dual SPST Analog Switch Low Voltage Single Supply
January, 2002 ??Rev. 2
NLAS325 ONSEMI-NLAS325_06 Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com