データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25160YIT3 データシート(PDF) 2 Page - Catalyst Semiconductor

部品番号 CAT25160YIT3
部品情報  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25160YIT3 データシート(HTML) 2 Page - Catalyst Semiconductor

  CAT25160YIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25160YIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT25080, CAT25160
Doc. No. 1122 Rev. A
2
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Storage Temperature
–65 to +150
ºC
Voltage on any Pin with Respect to Ground
(2)
–0.5 to VCC + 0.5
V
RELIABILITY CHARACTERISTICS
(3)
Symbol
Parameter
Min
Units
NEND
(4)
Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V, TA=-40°C to +85°C unless otherwise specified.
Symbol Parameter
Test Conditions
Min
Max
Units
ICC
Supply Current
Read, Write, VCC = 5.0V, fSCK = 10MHz,
SO open
2
mA
ISB1
Standby Current
VIN = GND or VCC , CS
¯¯ = VCC , WP
¯¯¯ = VCC,
VCC = 5.0V
2
µA
ISB2
Standby Current
VIN = GND or VCC , CS
¯¯ = VCC , WP
¯¯¯ = GND,
VCC = 5.0V
4
µA
IL
Input Leakage Current
VIN = GND or VCC
-2
2
µA
ILO
Output Leakage Current CS
¯¯ = VCC , VOUT = GND or VCC
-1
1
µA
VIL
Input Low Voltage
-0.5
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC > 2.5V, IOL = 3.0mA
0.4
V
VOH1
Output High Voltage
VCC > 2.5V, IOH = -1.6mA
VCC - 0.8V
V
VOL2
Output Low Voltage
VCC > 1.8V, IOL = 150µA
0.2
V
VOH2
Output High Voltage
VCC > 1.8V, IOH = -100µA
VCC - 0.2V
V
PIN CAPACITANCE
(3)
TA = 25˚C, f = 1.0MHz, VCC = +5.0V
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (SO)
VOUT = 0V
8
pF
CIN
Input Capacitance (CS
¯¯ , SCK, SI, WP
¯¯¯, HOLD
¯¯¯¯¯)
VIN = 0V
8
pF
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is
not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5V or higher than VCC + 0.5V. During transitions, the voltage on any pin may
undershoot to no less than -1.5V or overshoot to no more than VCC + 1.5V, for periods of less than 20ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and
JEDEC test methods.
(4) Page Mode, VCC = 5V, 25°C


同様の部品番号 - CAT25160YIT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25160YI-GT3 ONSEMI-CAT25160YI-GT3 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
CAT25160YI-T3 ONSEMI-CAT25160YI-T3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
More results

同様の説明 - CAT25160YIT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com