データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24FC01 データシート(PDF) 4 Page - Catalyst Semiconductor

部品番号 CAT24FC01
部品情報  1-kb I2C Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC01 データシート(HTML) 4 Page - Catalyst Semiconductor

  CAT24FC01_05 Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC01_05 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC01_05 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC01_05 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC01_05 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC01_05 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC01_05 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC01_05 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC01_05 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Discontinued
Part
CAT24FC01
4
Doc. No. 1073, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT24FC01 supports the I2C Bus data transmission
protocol. This Inter-Integrated Circuit Bus protocol defines
any device that sends data to the bus to be a transmitter
and any device receiving data to be a receiver. Data
transfer is controlled by the Master device which
generates the serial clock and all START and STOP
conditions for bus access. The CAT24FC01 operates as
a Slave device. Both the Master and Slave devices can
operate as either transmitter or receiver, but the Master
device controls which mode is activated. A maximum of
8 devices may be connected to the bus as determined by
the device address inputs A0, A1, and A2.
PIN DESCRIPTIONS
SCL: Serial Clock
The CAT24FC01 serial clock input pin is used to clock all
data transfers into or out of the device. This is an input pin.
SDA: Serial Data/Address
The CAT24FC01 bidirectional serial data/address pin is
used to transfer data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed with
other open drain or open collector outputs.
A0, A1, A2: Device Address Inputs
These inputs set device address when cascading multiple
devices. A maximum of eight devices can be cascaded
when using the device.
WP: Write Protect
This input, when tied to GND, allows write operations to
the entire memory. For CAT24FC01 when this pin is tied
to VCC, the entire array of memory is write protected.
When left floating, memory is unprotected.
Figure 3. Start/Stop Timing
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL


同様の部品番号 - CAT24FC01_05

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24FC01JETE13REV-F CATALYST-CAT24FC01JETE13REV-F Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01JITE13REV-F CATALYST-CAT24FC01JITE13REV-F Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01LETE13REV-F CATALYST-CAT24FC01LETE13REV-F Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01LITE13REV-F CATALYST-CAT24FC01LITE13REV-F Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01PETE13REV-F CATALYST-CAT24FC01PETE13REV-F Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
More results

同様の説明 - CAT24FC01_05

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_18 Datasheet
219Kb / 11P
   EEPROM Serial 1/2-Kb I2C
April, 2018 ??Rev. 6
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com