データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C64ZD2I-GT2 データシート(PDF) 1 Page - Catalyst Semiconductor

部品番号 CAT24C64ZD2I-GT2
部品情報  64-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C64ZD2I-GT2 データシート(HTML) 1 Page - Catalyst Semiconductor

  CAT24C64ZD2I-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C64ZD2I-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C64ZD2I-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C64ZD2I-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C64ZD2I-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C64ZD2I-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C64ZD2I-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C64ZD2I-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C64ZD2I-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1102, Rev. H
CAT24C64
64-Kb I2C CMOS Serial EEPROM
PIN CONFIGURATION
FUNCTIONAL SYMBOL
FEATURES
Supports Standard and Fast I2C Protocol
1.8 V to 5.5 V Supply Voltage Range
32-Byte Page Write Buffer(1)
Hardware Write Protection for entire memory
Schmitt Triggers and Noise Suppression Filters
on I2C Bus Inputs (SCL and SDA).
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant 8-pin PDIP, SOIC, TSSOP and
TDFN packages
PDIP (L)
SOIC (W)
TSSOP (Y)
TDFN (ZD2, VP2)
VCC
VSS
SDA
SCL
WP
CAT24C64
A2, A1, A0
DEVICE DESCRIPTION
The CAT24C64 is a 64-Kb CMOS Serial EEPROM
devices, internally organized as 128 pages of 64 bytes
each.
It features a 32-byte page write buffer and supports
both the Standard (100 kHz) as well as Fast (400 kHz)
I2C protocol.
External address pins make it possible to address up to
eight CAT24C64 devices on the same bus.
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
For the location of Pin 1, please consult the
corresponding package drawing.
PIN FUNCTIONS
A0, A1, A2
Device Address
SDA
Serial Data
SCL
Serial Clock
WP
Write Protect
VCC
Power Supply
VSS
Ground
* The Green & Gold seal identifies RoHS-compliant packaging, using NiPdAu
pre-plated lead frames.
For Ordering Information details, see page 15.
Note:
(1) CAT24C64 Rev. D (Not Recommended for New Designs) has
64-Byte Page Write Buffer.


同様の部品番号 - CAT24C64ZD2I-GT2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24C64ZE-GT2 ONSEMI-CAT24C64ZE-GT2 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAT24C64ZE-GT3 ONSEMI-CAT24C64ZE-GT3 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAT24C64ZE-T2 ONSEMI-CAT24C64ZE-T2 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAT24C64ZE-T3 ONSEMI-CAT24C64ZE-T3 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAT24C64ZI-GT2 ONSEMI-CAT24C64ZI-GT2 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
More results

同様の説明 - CAT24C64ZD2I-GT2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
LE2464DXA ONSEMI-LE2464DXA Datasheet
305Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2464RDXA ONSEMI-LE2464RDXA Datasheet
353Kb / 17P
   64 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C64 ONSEMI-CAT24C64_16 Datasheet
146Kb / 16P
   64 Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 25
CAV24C64 ONSEMI-CAV24C64_16 Datasheet
106Kb / 11P
   64-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C64LI-G ONSEMI-CAT24C64LI-G Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT24C64 ONSEMI-CAT24C64 Datasheet
190Kb / 15P
   64 kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 14
CAV24C64 ONSEMI-CAV24C64 Datasheet
143Kb / 10P
   64-Kb I2C CMOS Serial EEPROM
March, 2011 ??Rev. 0
N24S64B ONSEMI-N24S64B Datasheet
104Kb / 11P
   64 Kb I2C CMOS Serial EEPROM
August, 2018 ??Rev. 0
CAT24C64 ONSEMI-CAT24C64_18 Datasheet
123Kb / 13P
   64 Kb I2C CMOS Serial EEPROM
April, 2018 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com