データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL16 データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC100LVEL16
部品情報  3.3V ECL Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL16 データシート(HTML) 8 Page - ON Semiconductor

  MC100LVEL16 Datasheet HTML 1Page - ON Semiconductor MC100LVEL16 Datasheet HTML 2Page - ON Semiconductor MC100LVEL16 Datasheet HTML 3Page - ON Semiconductor MC100LVEL16 Datasheet HTML 4Page - ON Semiconductor MC100LVEL16 Datasheet HTML 5Page - ON Semiconductor MC100LVEL16 Datasheet HTML 6Page - ON Semiconductor MC100LVEL16 Datasheet HTML 7Page - ON Semiconductor MC100LVEL16 Datasheet HTML 8Page - ON Semiconductor MC100LVEL16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC100LVEL16
http://onsemi.com
8
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.


同様の部品番号 - MC100LVEL16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
logo
Analog Devices
MC100LVEL16 AD-MC100LVEL16 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
ON Semiconductor
MC100LVEL16D ONSEMI-MC100LVEL16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL16DG ONSEMI-MC100LVEL16DG Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL16DR2G ONSEMI-MC100LVEL16DR2G Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
More results

同様の説明 - MC100LVEL16

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com