データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10116 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10116
部品情報  Triple Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10116 データシート(HTML) 3 Page - ON Semiconductor

  MC10116 Datasheet HTML 1Page - ON Semiconductor MC10116 Datasheet HTML 2Page - ON Semiconductor MC10116 Datasheet HTML 3Page - ON Semiconductor MC10116 Datasheet HTML 4Page - ON Semiconductor MC10116 Datasheet HTML 5Page - ON Semiconductor MC10116 Datasheet HTML 6Page - ON Semiconductor MC10116 Datasheet HTML 7Page - ON Semiconductor MC10116 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10116
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VBB
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
From
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
From
Pin
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
Pin
11
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VBB
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
4, 9, 12
5, 10, 13
8
1, 16
Input Current
IinH
4
4
9, 12
5, 10, 13
8
1, 16
ICBO
4
9, 12
5, 10, 13
8,4
1, 16
Output Voltage
Logic 1
VOH
2
3
4
9, 12
9, 12
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
2
3
9, 12
4
4
9, 12
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
2
3
9, 12
9, 12
4
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
2
3
9, 12
9, 12
4
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Reference Voltage
VBB
11
5, 10, 13
8
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+2+
t4–2–
t4+3–
t4–3+
2
2
3
3
4
4
4
4
2
2
3
3
5, 10, 13
5, 10, 13
5, 10, 13
5, 10, 13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
t3+
2
3
4
4
2
3
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Fall Time
(20 to 80%)
t2–
t3–
2
3
4
4
2
3
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


同様の部品番号 - MC10116

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
More results

同様の説明 - MC10116

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com