データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25C16AX-90T データシート(PDF) 4 Page - Catalyst Semiconductor

部品番号 CAT25C16AX-90T
部品情報  16K-Bit CMOS PARALLEL EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C16AX-90T データシート(HTML) 4 Page - Catalyst Semiconductor

  CAT25C16AX-90T Datasheet HTML 1Page - Catalyst Semiconductor CAT25C16AX-90T Datasheet HTML 2Page - Catalyst Semiconductor CAT25C16AX-90T Datasheet HTML 3Page - Catalyst Semiconductor CAT25C16AX-90T Datasheet HTML 4Page - Catalyst Semiconductor CAT25C16AX-90T Datasheet HTML 5Page - Catalyst Semiconductor CAT25C16AX-90T Datasheet HTML 6Page - Catalyst Semiconductor CAT25C16AX-90T Datasheet HTML 7Page - Catalyst Semiconductor CAT25C16AX-90T Datasheet HTML 8Page - Catalyst Semiconductor CAT25C16AX-90T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT28C16A
4
Doc. No. 1076, Rev. D
Figure 1. A.C. Testing Input/Output Waveform(3)
Figure 2. A.C. Testing Load Circuit (example)
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
(3) Input rise and fall times (10% and 90%) < 10 ns.
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
A.C. CHARACTERISTICS, Read Cycle
VCC = 5V
±10%, unless otherwise specified.
28C16A-9028C16A-12
28C16A-20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tRC
Read Cycle Time
90
120
200
ns
tCE
CE Access Time
90
120
200
ns
tAA
Address Access Time
90
120
200
ns
tOE
OE Access Time
50
60
80
ns
tLZ(1)
CE Low to Active Output
0
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
50
50
55
ns
tOHZ(1)(2)
OE High to High-Z Output
50
50
55
ns
tOH(1)
Output Hold from Address Change
0
0
0
ns


同様の部品番号 - CAT25C16AX-90T

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C16 CATALYST-CAT25C16 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C16 CATALYST-CAT25C16 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C16L1I-1.8-GT3 CATALYST-CAT25C16L1I-1.8-GT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C16L1I-1.8T3 CATALYST-CAT25C16L1I-1.8T3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C16L1I-GT3 CATALYST-CAT25C16L1I-GT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results

同様の説明 - CAT25C16AX-90T

メーカー部品番号データシート部品情報
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
   CMOS 16K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A_04 Datasheet
512Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
logo
ON Semiconductor
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com