データシートサーチシステム |
|
CAT24WC33KE-1.8TE13D データシート(PDF) 3 Page - Catalyst Semiconductor |
|
CAT24WC33KE-1.8TE13D データシート(HTML) 3 Page - Catalyst Semiconductor |
3 / 12 page Discontinued Parts CAT24WC33/65 3 Doc No. 1049, Rev. D © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address. A.C. CHARACTERISTICS VCC = +1.8V to +5.5V, unless otherwise specified Output Load is 1 TTL Gate and 100pF Read & Write Cycle Limits Power-Up Timing (1)(2) Symbol Parameter Max. Units tPUR Power-Up to Read Operation 1 ms tPUW Power-Up to Write Operation 1 ms Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. Write Cycle Limits Symbol Parameter Min. Typ. Max Units tWR Write Cycle Time 10 ms l o b m y Sr e t e m a r a P 8 . 1 - X X C W 4 2 T A CX X C W 4 2 T A C s t i n U V 5 . 5 - V 8 . 1V 5 . 5 - V 5 . 2V 5 . 5 - V 5 . 4 . n i M. x a M. n i M. x a M. n i M. x a M F L C S y c n e u q e r F k c o l C0 0 10 0 10 0 4z H k TI ) 1 ( t a t n a t s n o C e m i T n o i s s e r p p u S e s i o N s t u p n I A D S , L C S 0 0 20 0 20 0 2s n t A A K C A d n a t u O a t a D A D S o t w o L L C S t u O 5 . 35 . 31 µs t F U B ) 1 ( e r o f e B e e r F e b t s u M s u B e h t e m i T t r a t S n a C n o i s s i m s n a r T w e N a 7 . 47 . 42 . 1 µs t A T S : D H e m i T d l o H n o i t i d n o C t r a t S4 4 6 . 0 µs t W O L d o i r e P w o L k c o l C7 . 47 . 42 . 1 µs t H G I H d o i r e P h g i H k c o l C4 4 6 . 0 µs t A T S : U S e m i T p u t e S n o i t i d n o C t r a t S ) n o i t i d n o C t r a t S d e t a e p e R a r o f ( 7 . 47 . 46 . 0 µs t T A D : D H e m i T d l o H n I a t a D0 0 0 s n t T A D : U S e m i T p u t e S n I a t a D0 50 50 5s n tR ) 1 ( e m i T e s i R L C S d n a A D S1 1 3 . 0 µs tF ) 1 ( e m i T ll a F L C S d n a A D S0 0 30 0 30 0 3s n t O T S : U S e m i T p u t e S n o i t i d n o C p o t S4 4 6 . 0 µs t H D e m i T d l o H t u O a t a D0 0 10 0 10 0 1s n |
同様の部品番号 - CAT24WC33KE-1.8TE13D |
|
同様の説明 - CAT24WC33KE-1.8TE13D |