データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1832ZT2 データシート(PDF) 8 Page - Catalyst Semiconductor

部品番号 CAT1832ZT2
部品情報  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1832ZT2 データシート(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT1832ZT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1832ZT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1832ZT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1832ZT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1832ZT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1832ZT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1832ZT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT1832ZT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT1832ZT2 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE DRAWING
8-LEAD DIP (300mil)
Notes:
1.
All dimensions are in millimeters.
2.
Complies with JEDEC Standard MS001.
3.
Dimensioning and tolerancing per ANSI Y14.5M-1982
A
e
b
E1
b2
L
A2
A1
E
D
eB
24C16_8-LEAD_DIP_(300P).eps
SYMBOL
A
A1
b
b2
D
E
E1
e
eB
L
MIN
0.38
0.36
9.02
7.62
6.17
6.35
7.87
2.79
3.81
NOM
0.46
1.52
1.14
7.87
2.54 BSC
MAX
4.57
A2
3.05
3.81
0.56
10.16
8.26
7.49
9.65
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


同様の部品番号 - CAT1832ZT2

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1832Z CATALYST-CAT1832Z Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
CAT1832Z-GT3 CATALYST-CAT1832Z-GT3 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1832Z-GT3 ONSEMI-CAT1832Z-GT3 Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Catalyst Semiconductor
CAT1832Z-T13 CATALYST-CAT1832Z-T13 Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
More results

同様の説明 - CAT1832ZT2

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1232 CATALYST-CAT1232 Datasheet
944Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com