データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24WC04YETE13F データシート(PDF) 3 Page - Catalyst Semiconductor

部品番号 CAT24WC04YETE13F
部品情報  1K/2K/4K/8K/16K-Bit Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC04YETE13F データシート(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC04YETE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC04YETE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC04YETE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC04YETE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC04YETE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC04YETE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC04YETE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC04YETE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC04YETE13F Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT24WC01/02/04/08/16
3
Doc. No. 1022, Rev. N
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
Write Cycle Limits
Symbol
Parameter
Min.
Typ.
Max
Units
tWR
Write Cycle Time
10
ms
Power-Up Timing(1)(2)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
A.C. CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified.
Read & Write Cycle Limits
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
8
.
1
-
X
X
C
W
4
2
T
A
CX
X
C
W
4
2
T
A
C
s
t
i
n
U
V
5
.
5
-
V
8
.
1V
5
.
5
-
V
5
.
2V
5
.
5
-
V
5
.
4
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
10
0
10
0
4z
H
k
TI
)
1
(
t
a
t
n
a
t
s
n
o
C
e
m
i
T
n
o
i
s
s
e
r
p
p
u
S
e
s
i
o
N
s
t
u
p
n
I
A
D
S
,
L
C
S
0
0
20
0
20
0
2s
n
t A
A
K
C
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S
t
u
O
5
.
35
.
31
µs
t
F
U
B
)
1
(
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
n
o
i
s
s
i
m
s
n
a
r
T
w
e
N
a
7
.
47
.
42
.
1
µs
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S4
4
6
.
0
µs
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C7
.
47
.
42
.
1
µs
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C4
4
6
.
0
µs
t
A
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S
)
n
o
i
t
i
d
n
o
C
t
r
a
t
S
d
e
t
a
e
p
e
R
a
r
o
f
(
7
.
47
.
46
.
0
µs
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
0
0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
50
50
5s
n
tR
)
1
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S1
1
3
.
0
µs
tF
)
1
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S0
0
30
0
30
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S4
4
6
.
0
µs
t H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
0
10
0
10
0
1s
n


同様の部品番号 - CAT24WC04YETE13F

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24WC04YE-1.8TE13F CATALYST-CAT24WC04YE-1.8TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC04YE-TE13F CATALYST-CAT24WC04YE-TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results

同様の説明 - CAT24WC04YETE13F

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Samsung semiconductor
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com