データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25C05VETE13 データシート(PDF) 9 Page - Catalyst Semiconductor

部品番号 CAT25C05VETE13
部品情報  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C05VETE13 データシート(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C05VETE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C05VETE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C05VETE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C05VETE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C05VETE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C05VETE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C05VETE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C05VETE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C05VETE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Discontinued
Parts
9
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. L
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 7. WRSR Instruction Timing
DESIGN CONSIDERATIONS
The CAT25C11/03/05/09/17 powers up in a write dis-
able state and in a low power standby mode. A WREN
instruction must be issued to perform any writes to the
device after power up. Also,on power up
CS should be
brought low to enter a ready state and receive an
instruction. After a successful byte/page write or status
register write the CAT25C11/03/05/09/17 goes into a
write disable mode.
CS must be set high after the proper
number of clock cycles to start an internal write cycle.
Access to the array during an internal write cycle is
ignored and programming is continued. On power up,
SO is in a high impedance. If an invalid op code is
Figure 8. Page Write Instruction Timing
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
Note: Dashed Line= mode (1, 1) – –––
Note: Dashed Line= mode (1, 1) – – – –
received, no data will be shifted into the CAT25C11/03/
05/09/17, and the serial output pin (SO) will remain in a
high impedance state until the falling edge of
CS is
detected again.
When powering down, the supply should be taken down
to 0V, so that the CAT25C11/03/05/09/17 will be reset
when power is ramped back up. If this is not possible,
then, following a brown-out episode, the CAT25C11/
03/05/09/17 can be reset by refreshing the contents of
the Status Register (See Application Note AN10).
SK
SI
SO
00
00
X*
0
10
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
*Please check the Byte Address Table.
AN
A0
*X = 0 for CAT25C11, CAT25C03, CAT25C09 and CAT25C17; X = A8 for CAT25C05


同様の部品番号 - CAT25C05VETE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C05VE-1.8TE13 CATALYST-CAT25C05VE-1.8TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C05VE-TE13 CATALYST-CAT25C05VE-TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

同様の説明 - CAT25C05VETE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com