データシートサーチシステム |
|
CAT1161WI-28-GT3 データシート(PDF) 9 Page - Catalyst Semiconductor |
|
CAT1161WI-28-GT3 データシート(HTML) 9 Page - Catalyst Semiconductor |
9 / 14 page CAT1161, CAT1162 © 2007 Catalyst Semiconductor, Inc. 9 Doc. No. 3002 Rev. F Characteristics subject to change without notice Acknowledge Polling Disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host’s write opration, the CAT1161/2 initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If the CAT1161/2 is still busy with the write operation, no ACK will be returned. If a write operation has completed, an ACK will be returned and the host can then proceed with the next read or write operation. WRITE PROTECTION The Write Protection feature allows the user to protect against inadvertent memory array program- ming. If the WP pin is tied to VCC, the entire memory array is protected and becomes read only. The CAT1161/2 will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device’s failure to send an acknowledge after the first byte of data is received. READ OPERATIONS The READ operation for the CAT1161/2 is initiated in the same manner as the write operation with one exception, that R/W ¯¯ bit is set to one. Three different READ ope– rations are possible: Immediate/Current Address READ, Selective/Random READ and Sequential READ. Immediate/Current Address Read The CAT1161/2 address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N+1. For all devices, N=E=2047. The counter will wrap around to Zero and continue to clock out valid data for the 16K devices. After the CAT1161/2 receives its slave address information (with the R/W ¯¯ bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Figure 9. Immediate Address Read Timing SCL SDA 8TH BI T STOP NO ACK DATA OUT 89 SLAVE ADDRESS S A C K DATA N O A C K S T O P P BUS ACTIVIT Y: MASTER SDA LINE S T A R T |
同様の部品番号 - CAT1161WI-28-GT3 |
|
同様の説明 - CAT1161WI-28-GT3 |