データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10178P データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10178P
部品情報  Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10178P データシート(HTML) 3 Page - ON Semiconductor

  MC10178P Datasheet HTML 1Page - ON Semiconductor MC10178P Datasheet HTML 2Page - ON Semiconductor MC10178P Datasheet HTML 3Page - ON Semiconductor MC10178P Datasheet HTML 4Page - ON Semiconductor MC10178P Datasheet HTML 5Page - ON Semiconductor MC10178P Datasheet HTML 6Page - ON Semiconductor MC10178P Datasheet HTML 7Page - ON Semiconductor MC10178P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10178
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
9
8
1, 16
Input Current
IinH
12
11
9
12
11
9
8
8
8
1, 16
1, 16
1, 16
IinL
*
*
8
1, 16
Output Voltage
Logic 1
VOH
14
15
9
11
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
14
15
11
9
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
3
14
15
5
11
9
8
8
8
1, 16
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
3
14
15
5
11
9
8
8
8
1, 16
1, 16
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
Data Input
t12+15+
t12–13–
t12+4–
t12–3+
15
13
4
3
12
12
12
12
15
13
4
3
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t+
15
12
15
8
1, 16
Fall Time
(20 to 80%)
t–
15
12
15
8
1, 16
Set Input
Reset Input
t11–15+
t9–15+
15
15
11
9
15
15
8
8
1, 16
1, 16
Counting Frequency
fcount
15
12
15
8
1, 16
* Individually test each input applying VIL to input under test.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


同様の部品番号 - MC10178P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
   Binary Counter
1996 REV 5
More results

同様の説明 - MC10178P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MPG1654 MOTOROLA-MPG1654 Datasheet
204Kb / 6P
   Binary Counter
logo
Toshiba Semiconductor
TC5027BP TOSHIBA-TC5027BP Datasheet
197Kb / 4P
   BINARY COUNTER
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
   Binary Counter
1996 REV 5
logo
Motorola, Inc
MC10154 MOTOROLA-MC10154 Datasheet
85Kb / 4P
   Binary Counter
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
   DUAL BINARY COUNTER
logo
Toshiba Semiconductor
74VHC393FT TOSHIBA-74VHC393FT Datasheet
192Kb / 12P
   Dual Binary Counter
2017-02-22
TC74HC393AP TOSHIBA-TC74HC393AP Datasheet
288Kb / 8P
   DUAL BINARY COUNTER
TC74VHC393F TOSHIBA-TC74VHC393F Datasheet
257Kb / 7P
   DUAL BINARY COUNTER
logo
NXP Semiconductors
HEF4520B PHILIPS-HEF4520B Datasheet
64Kb / 7P
   Dual binary counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com