データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12095MNR4G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC12095MNR4G
部品情報  2.5 GHz Low Power Prescaler With Stand?묪y Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12095MNR4G データシート(HTML) 2 Page - ON Semiconductor

  MC12095MNR4G Datasheet HTML 1Page - ON Semiconductor MC12095MNR4G Datasheet HTML 2Page - ON Semiconductor MC12095MNR4G Datasheet HTML 3Page - ON Semiconductor MC12095MNR4G Datasheet HTML 4Page - ON Semiconductor MC12095MNR4G Datasheet HTML 5Page - ON Semiconductor MC12095MNR4G Datasheet HTML 6Page - ON Semiconductor MC12095MNR4G Datasheet HTML 7Page - ON Semiconductor MC12095MNR4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC12095
http://onsemi.com
2
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
N/A
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
DFN8
Level 1
Level 1
Level 1
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
125 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage, Pin 2
−0.5 to 6.0
Vdc
TA
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−65 to 150
°C
IO
Maximum Output Current, Pin 4
8.0
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
NOTE: ESD data available upon request.
Table 4. ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; TA = −40 to 85°C, unless otherwise noted.)
Symbol
Characteristic
Min
Typ
Max
Unit
ft
Toggle Frequency (Sine Wave)
500
3.0
2.5
GHz
ICC
Supply Current
8.7
14
mA
ISB
Stand−By Current
100
200
mA
VIH1
Stand−By Input HIGH (SB)
2.0
VCC + 0.5 V
V
VIL1
Stand−By Input LOW (SB)
GND
0.8
V
VIH2
Divide Ratio Control Input HIGH (SW)
VCC − 0.4
VCC
VCC + 0.5 V
V
VIL2
Divide Ratio Control Input LOW (SW)
OPEN
OPEN
OPEN
VOUT
Output Voltage Swing (2pF Load)
500−1000 MHz Input
1000−1500 MHz Input
1500−2500 MHz Input
800
400
200
450
250
mVpp
VIN
Input Voltage Sensitivity
200
1000
mVpp


同様の部品番号 - MC12095MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095D ONSEMI-MC12095D Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
logo
Motorola, Inc
MC12095D MOTOROLA-MC12095D Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095DR2 ONSEMI-MC12095DR2 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
More results

同様の説明 - MC12095MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_06 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
Fujitsu Component Limit...
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
   TWO MODULUS PRESCALER WITH STAND-BY MODE
logo
Motorola, Inc
MC12083 MOTOROLA-MC12083 Datasheet
88Kb / 4P
   MECL PLL COMPONENTS 첨2 PRESCALER WITH STAND?밄Y MODE
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com