データシートサーチシステム |
|
CAT25C128Y20AT2 データシート(PDF) 9 Page - Catalyst Semiconductor |
|
CAT25C128Y20AT2 データシート(HTML) 9 Page - Catalyst Semiconductor |
9 / 12 page 9 CAT25C128/256 Document No. 1018, Rev. I address counter reaches the end of the page and clock continues, the counter will “roll over” to the first address of the page and overwrite any data that may have been written. The CAT25C128/256 is automatically returned to the write disable state at the completion of the write cycle. Figure 8 illustrates the page write sequence. To write to the status register, the WRSR instruction should be sent. Only Bit 2, Bit 3 and Bit 7 of the status register can be written using the WRSR instruction. Figure 7 illustrates the sequence of writing to status register. The Status Register can be read to determine if the write cycle is still in progress. If Bit 0 of the Status Register is set at 1, write cycle is in progress. If Bit 0 is set at 0, the device is ready for the next instruction. Page Write The CAT25C128/256 features page write capability. After the first initial byte the host may continue to write up to 64 bytes of data to the CAT25C128/256. After each byte of data is received, six lower order address bits are internally incremented by one; the high order bits of address will remain constant. The only restriction is that the 64 bytes must reside on the same page. If the SK SI SO 0 0 0 0 0 0 1 0 ADDRESS D7 D6 D5 D4 D3 D2 D1 D0 012345678 21 22 23 24 25 26 27 28 29 30 3 CS OPCODE DATA IN HIGH IMPEDANCE Note: Dashed Line= mode (1, 1) — ——— Figure 6. Write Instruction Timing Figure 7. WRSR Timing 0 1 2 345 67 8 10 911 12 13 14 SCK SI MSB HIGH IMPEDANCE DATA IN 15 SO CS 7 6 5 4 3 2 10 00 0 00 0 0 1 OPCODE Note: Dashed Line= mode (1, 1) — ——— Figure 8. Page Write Instruction Timing SK SI SO 0 0 0 0 0 0 1 0 ADDRESS Data Byte 1 012345678 21 22 23 24-31 32-39 Data Byte 2 Data Byte 3 Data Byte N CS OPCODE 7..1 0 24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1 DATA IN HIGH IMPEDANCE Note: Dashed Line= mode (1, 1) — ——— |
同様の部品番号 - CAT25C128Y20AT2 |
|
同様の説明 - CAT25C128Y20AT2 |