データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY8414 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 BY8414
部品情報  Fast high-voltage soft-recovery rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY8414 データシート(HTML) 9 Page - NXP Semiconductors

Back Button BY8414 Datasheet HTML 5Page - NXP Semiconductors BY8414 Datasheet HTML 6Page - NXP Semiconductors BY8414 Datasheet HTML 7Page - NXP Semiconductors BY8414 Datasheet HTML 8Page - NXP Semiconductors BY8414 Datasheet HTML 9Page - NXP Semiconductors BY8414 Datasheet HTML 10Page - NXP Semiconductors BY8414 Datasheet HTML 11Page - NXP Semiconductors BY8414 Datasheet HTML 12Page - NXP Semiconductors BY8414 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1996 May 24
9
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery rectifiers
BY8400 series
Fig.14 Forward current as a function of maximum
forward voltage.
BY8408.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
100
200
0
40
MBD318
80
120
160
20
40
60
80
V
(V)
F
I F
(mA)
120
BY8410.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
Fig.15 Forward current as a function of maximum
forward voltage.
handbook, halfpage
0
100
200
0
40
MBD320
80
120
160
20
40
60
80
V
(V)
F
I F
(mA)
120
BY8412.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
Fig.16 Forward current as a function of maximum
forward voltage.
handbook, halfpage
0
200
0
40
MBD322
80
120
160
40
80
120
160
V
(V)
F
I F
(mA)
200
BY8414.
Dotted line: Tj = 120 °C.
Solid line: Tj =25 °C.
Fig.17 Forward current as a function of maximum
forward voltage.
handbook, halfpage
0
200
0
40
MBD324
80
120
160
40
80
120
160
V
(V)
F
I F
(mA)
200


同様の部品番号 - BY8414

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
BY84C MA-COM-BY84C Datasheet
114Kb / 3P
   Double-Balanced Mixer
More results

同様の説明 - BY8414

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
BY715 NJSEMI-BY715 Datasheet
188Kb / 3P
   Very fast high-voltage soft-recovery rectifiers
logo
NXP Semiconductors
BY715 PHILIPS-BY715 Datasheet
62Kb / 12P
   Very fast high-voltage soft-recovery rectifiers
2001 Sep 24
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BYD43 PHILIPS-BYD43 Datasheet
67Kb / 11P
   Fast soft-recovery rectifiers
1996 Jun 05
logo
SEMTECH ELECTRONICS LTD...
SFR151 SEMTECH_ELEC-SFR151 Datasheet
246Kb / 2P
   SOFT FAST RECOVERY RECTIFIERS
logo
NXP Semiconductors
PRS07 PHILIPS-PRS07 Datasheet
61Kb / 9P
   Fast soft-recovery rectifiers
Rev. 02-26 July 2004
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com