データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33039P データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC33039P
部品情報  Closed Loop Brushless Motor Adapter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33039P データシート(HTML) 1 Page - ON Semiconductor

  MC33039P Datasheet HTML 1Page - ON Semiconductor MC33039P Datasheet HTML 2Page - ON Semiconductor MC33039P Datasheet HTML 3Page - ON Semiconductor MC33039P Datasheet HTML 4Page - ON Semiconductor MC33039P Datasheet HTML 5Page - ON Semiconductor MC33039P Datasheet HTML 6Page - ON Semiconductor MC33039P Datasheet HTML 7Page - ON Semiconductor MC33039P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 5
1
Publication Order Number:
MC33039/D
MC33039, NCV33039
Closed Loop Brushless
Motor Adapter
The MC33039 is a high performance closed−loop speed control
adapter specifically designed for use in brushless DC motor control
systems. Implementation will allow precise speed regulation without
the need for a magnetic or optical tachometer. This device contains
three input buffers each with hysteresis for noise immunity, three
digital edge detectors, a programmable monostable, and an internal
shunt regulator. Also included is an inverter output for use in systems
that require conversion of sensor phasing. Although this device is
primarily intended for use with the MC33035 brushless motor
controller, it can be used cost effectively in many other closed−loop
speed control applications.
Features
Digital Detection of Each Input Transition for Improved Low Speed
Motor Operation
TTL Compatible Inputs With Hysteresis
Operation Down to 5.5 V for Direct Powering from MC33035
Reference
Internal Shunt Regulator Allows Operation from a Non−Regulated
Voltage Source
Inverter Output for Easy Conversion between 60°/300° and
120
°/240° Sensor Phasing Conventions
Pb−Free Packages are Available
Representative Block Diagram
15 k
+
To Rotor
Position
Sensors
VCC
7
GND
φC
4
φA
+
20 k
0.3 V
+
+
8.25 V
8
RT
fout
5
2R
R
+
R
Delay
Q
S
1
φA
φB
6
3
2
CT
Delay
Delay
+
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
1
1
1
PDIP−8
N SUFFIX
CASE 626
MC33039P
AWL
YYWWG
SOIC−8
D SUFFIX
CASE 751
PIN CONNECTIONS
fout
RT/CT
GND
Inputs
φB
φA
φA
4
3
2
8
7
6
5
φC 1
(Top View)
VCC
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
33039
ALYW
G
1


同様の部品番号 - MC33039P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33039P ONSEMI-MC33039P Datasheet
139Kb / 8P
   CLOSED LOOP BRUSHLESS MOTOR ADAPTER
1996 REV 0
More results

同様の説明 - MC33039P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33039 ONSEMI-MC33039 Datasheet
139Kb / 8P
   CLOSED LOOP BRUSHLESS MOTOR ADAPTER
1996 REV 0
logo
List of Unclassifed Man...
NEMA17 ETC-NEMA17 Datasheet
577Kb / 5P
   Integrated Closed Loop Stepper Motor
Rev. 5.2
logo
International Rectifier
OMC506 IRF-OMC506 Datasheet
75Kb / 7P
   Closed Loop Speed Controller For 3-Phase Brushless DC Motor MP-3T Package
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
List of Unclassifed Man...
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
   730 MHz Closed Loop Buffer
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
   Precision RF Closed Loop Buffer
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com