データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY8420 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 BY8420
部品情報  Fast high-voltage soft-recovery rectifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY8420 データシート(HTML) 5 Page - NXP Semiconductors

  BY8420 Datasheet HTML 1Page - NXP Semiconductors BY8420 Datasheet HTML 2Page - NXP Semiconductors BY8420 Datasheet HTML 3Page - NXP Semiconductors BY8420 Datasheet HTML 4Page - NXP Semiconductors BY8420 Datasheet HTML 5Page - NXP Semiconductors BY8420 Datasheet HTML 6Page - NXP Semiconductors BY8420 Datasheet HTML 7Page - NXP Semiconductors BY8420 Datasheet HTML 8Page - NXP Semiconductors BY8420 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1996 May 24
5
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery rectifiers
BY8400 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 100 mA; Tj =Tj max;
see Figs 12 to 21
BY8404
−−
20
V
BY8406
−−
25
V
BY8408
−−
35
V
BY8410
−−
42
V
BY8412
−−
52
V
BY8414
−−
60
V
BY8416
−−
70
V
BY8418
−−
77
V
BY8420
−−
88
V
BY8424
−−
98
V
IR
reverse current
VR =VRWmax; Tj = 120 °C
−−
3
µA
Qr
recovery charge
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.22
−−
1nC
tf
fall time
when switched from IF = 100 mA to
VR ≥ 100 V and dIF/dt = −200 mA/µs;
see Fig.22
100
−−
ns
trr
reverse recovery time
when switched from IF = 2 mA to
IR = 4 mA; measured at IR = 1 mA;
see Fig.23
−−
100
ns
Cd
diode capacitance
VR =0V; f=1MHz
BY8404
1.20
pF
BY8406
0.80
pF
BY8408
0.60
pF
BY8410
0.50
pF
BY8412
0.40
pF
BY8414
0.35
pF
BY8416
0.30
pF
BY8418
0.28
pF
BY8420
0.28
pF
BY8424
0.28
pF


同様の部品番号 - BY8420

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
BY84C MA-COM-BY84C Datasheet
114Kb / 3P
   Double-Balanced Mixer
More results

同様の説明 - BY8420

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
BY715 NJSEMI-BY715 Datasheet
188Kb / 3P
   Very fast high-voltage soft-recovery rectifiers
logo
NXP Semiconductors
BY715 PHILIPS-BY715 Datasheet
62Kb / 12P
   Very fast high-voltage soft-recovery rectifiers
2001 Sep 24
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BYD43 PHILIPS-BYD43 Datasheet
67Kb / 11P
   Fast soft-recovery rectifiers
1996 Jun 05
logo
SEMTECH ELECTRONICS LTD...
SFR151 SEMTECH_ELEC-SFR151 Datasheet
246Kb / 2P
   SOFT FAST RECOVERY RECTIFIERS
logo
NXP Semiconductors
PRS07 PHILIPS-PRS07 Datasheet
61Kb / 9P
   Fast soft-recovery rectifiers
Rev. 02-26 July 2004
BY8200 PHILIPS-BY8200 Datasheet
87Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifiers
1998 Jul 16
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com